Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

WNM6001 Datasheet(PDF) 1 Page - Will Semiconductor Ltd.

Part No. WNM6001
Description  Single N-Channel, 60V, 0.50A, Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  WILLSEMI [Will Semiconductor Ltd.]
Homepage  http://www.willsemi.com/index.php?siteid=2
Logo 

WNM6001 Datasheet(HTML) 1 Page - Will Semiconductor Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
WNM6001
Will Semiconductor Ltd.
1
Mar, 2018 - Rev.1.1
WNM6001
Single N-Channel, 60V, 0.50A, Power MOSFET
Descriptions
The WNM6001 is N-Channel enhancement
MOS Field Effect Transistor. Uses advanced trench
technology and design to provide excellent RDS (ON)
with low gate charge. This device is suitable for use
in DC-DC conversion, power switch and charging
circuit. Standard Product WNM6001 is Pb-free and
Halogen-free.
Features
Trench Technology
Supper high density cell design
Excellent ON resistance for higher DC current
Extremely Low Threshold Voltage
Small package SOT-23
Applications
Driver for Relay, Solenoid, Motor, LED etc.
DC-DC converter circuit
Power Switch
Load Switch
Charging
Http//:www.sh-willsemi.com
SOT-23
Pin configuration (Top view)
W61*
W61 = Device Code
*
= Month (A~Z)
Marking
Order information
Device
Package
Shipping
WNM6001-3/TR
SOT-23
3000/Reel&Tape
3
1
2
S
D
1
2
3
G
VDS (V)
Rds(on) (
Ω)
60
1.4@ VGS=10V
1.7@ VGS=4.5V
ESD Rating:2000V HBM


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn