Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

WNM6001 Datasheet(PDF) 8 Page - Will Semiconductor Ltd.

Part No. WNM6001
Description  Single N-Channel, 60V, 0.50A, Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  WILLSEMI [Will Semiconductor Ltd.]
Homepage  http://www.willsemi.com/index.php?siteid=2
Logo 

WNM6001 Datasheet(HTML) 8 Page - Will Semiconductor Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
WNM6001
Will Semiconductor Ltd.
8
TAPE AND REEL INFORMATION
Reel Dimensions
Tape Dimensions
Reel Dimensions
P1
Quadrant Assignments For PIN1 Orientation In Tape
RD
Reel Dimension
W
Overall width of the carrier tape
1
P1
Pitch between successive cavity centers
Pin1
Pin1 Quadrant
User Direction of Feed
Q1
Q2
Q3
Q4
Q1
Q2
Q3
Q4
7inch
13inch
2mm
8mm
4mm
Q1
Q2
Q3
Q4
8mm
12mm
16mm
Mar, 2018 - Rev.1.1


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn