Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

WNM6001 Datasheet(PDF) 6 Page - Will Semiconductor Ltd.

Part No. WNM6001
Description  Single N-Channel, 60V, 0.50A, Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  WILLSEMI [Will Semiconductor Ltd.]
Homepage  http://www.willsemi.com/index.php?siteid=2
Logo 

WNM6001 Datasheet(HTML) 6 Page - Will Semiconductor Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
WNM6001
Will Semiconductor Ltd.
6
Transient thermal response (Junction-to-Ambient)
1E-5
1E-4
1E-3
0.01
0.1
1
10
100
1000
1E-3
0.01
0.1
1
0.02
Single Pulse
0.05
0.1
0.2
Duty Cycle=0.5
Square Wave Pulse Duration (s)
PDM
t1
t2
1. Duty Cycle, D=t1/t2
2. Per Unit Base =RθJA= 176°C/W
3. TJM-TA = PDM RθJA
4. Surface Mounted
Mar, 2018 - Rev.1.1


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn