Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

WNM6001 Datasheet(PDF) 5 Page - Will Semiconductor Ltd.

Part No. WNM6001
Description  Single N-Channel, 60V, 0.50A, Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  WILLSEMI [Will Semiconductor Ltd.]
Homepage  http://www.willsemi.com/index.php?siteid=2
Logo 

WNM6001 Datasheet(HTML) 5 Page - Will Semiconductor Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
WNM6001
Will Semiconductor Ltd.
5
Capacitance
Single pulse power
Body diode forward voltage
Gate Charge Characteristics
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
2
4
6
8
10
V
DD=30V ID=0.37A
Q
g(nC)
0
5
10
15
20
25
0
5
10
15
20
25
30
35
40
Coss
Crss
f=1MHz
Ciss
Time(s)
0.4
0.6
0.8
1.0
1.2
1E-3
0.01
0.1
1
V
SD-Source-to-Drain Voltage(V)
-50
oC
25
oC
85
oC
125
oC
150
oC
Safe operating power
0.1
1
10
100
1E-3
0.01
0.1
1
100us
1ms
10ms
100ms
1s
10s
DC
Bvdss Limit
TA=25C
Single Pulse
V
DS- Drain Source Voltage (V)
Limit by Rdson*
V
DS (V)
1E-4
1E-3
0.01
0.1
1
10
100
1000
0
10
20
30
40
50
Mar, 2018 - Rev.1.1


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn