Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

WNM6001 Datasheet(PDF) 4 Page - Will Semiconductor Ltd.

Part No. WNM6001
Description  Single N-Channel, 60V, 0.50A, Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  WILLSEMI [Will Semiconductor Ltd.]
Homepage  http://www.willsemi.com/index.php?siteid=2
Logo 

WNM6001 Datasheet(HTML) 4 Page - Will Semiconductor Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
WNM6001
Will Semiconductor Ltd.
4
Typical Characteristics (Ta=25
oC, unless otherwise noted)
Output characteristics
On-Resistance vs. Drain current
On-Resistance vs. Junction temperature
Transfer characteristics
On-Resistance vs. Gate-to-Source voltage
Threshold voltage vs. Temperature
0.2
0.4
0.6
0.8
1.0
0
1
2
3
4
5
V
GS=4.5V
V
GS=10V
I
D-Drain Current(A)
-50
0
50
100
150
0.6
0.8
1.0
1.2
Temperature (
oC)
I
D=-250uA
2
4
6
8
10
1
2
3
4
5
I
D=0.5A
V
GS-Gate-to-Source Voltage(V)
-50
0
50
100
150
0.0
0.5
1.0
1.5
2.0
2.5
V
GS=10V
I
D=0.5A
Temperature(
oC)
0
1
2
3
4
5
0.0
0.2
0.4
0.6
0.8
1.0
V
GS=3V
V
GS=6V,8V,10V
V
GS=4.5V
V
DS-Drain-to-Source Voltage(V)
V
GS=3.5V
0
1
2
3
4
5
0.0
0.2
0.4
0.6
0.8
T=-50
oC
T=25
oC
T=125
oC
V
GS-Gate-to-Source Voltage(V)
V
DS=5V
Mar, 2018 - Rev.1.1


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn