Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALC887-VD Datasheet(PDF) 86 Page - Realtek Semiconductor Corp.

Part # ALC887-VD
Description  7.1 CHANNEL HIGH DEFINITION AUDIO CODEC WITH TWO INDEPENDENT S/PDIF OUTPUT
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

ALC887-VD Datasheet(HTML) 86 Page - Realtek Semiconductor Corp.

Back Button ALC887-VD Datasheet HTML 82Page - Realtek Semiconductor Corp. ALC887-VD Datasheet HTML 83Page - Realtek Semiconductor Corp. ALC887-VD Datasheet HTML 84Page - Realtek Semiconductor Corp. ALC887-VD Datasheet HTML 85Page - Realtek Semiconductor Corp. ALC887-VD Datasheet HTML 86Page - Realtek Semiconductor Corp. ALC887-VD Datasheet HTML 87Page - Realtek Semiconductor Corp. ALC887-VD Datasheet HTML 88Page - Realtek Semiconductor Corp. ALC887-VD Datasheet HTML 89Page - Realtek Semiconductor Corp. ALC887-VD Datasheet HTML 90Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 91 page
background image
ALC887-VD
Datasheet
7.1 Channel High Definition Audio Codec with Two
Independent S/PDIF Output
78
Rev. 0.22
AUDIO FRONT HEADER
MIC2-L
MIC2-R
LINE2-R
LINE2-L
MIC2-VREFO
LINE2-VREFO
MIC2-JD
LINE2-JD
R38
4.7K
R37
4.7K
R20
4.7K
PRESENCE#
Key
D5
BAT54A/SOT
D4
BAT54A/SOT
C20
100u
C21
100u
C24
100u
C27
100u R32
75
R30
75
R43
22K
R44
22K
R42
22K
R41
22K
R25
75
R27
75
GPI to South Bridge
+3.3VD
J1 CON10A
1
3
5
7
9
2
4
6
8
10
R24
10K
R21
4.7K
PORT-F-SENSE-RETURN
FIO-SENSE
PORT-E-SENSE-RETURN
FIO-PORT-F-R
FIO-PRESENCE#
FIO-PORT-F-L
L21
FERB
C57
100P
HD Audio Front Panel I/O Module
C58
100P
L19
FERB
L18
FERB
C54
100P
C55
100P
L20
FERB
FIO-SENSE
FIO-SENSE
PORT-F-SENSE-RETURN
KEY
PORT-E-SENSE-RETURN
FIO-PORT-E-L
PORT-E (LINE2) and PORT-F (MIC2) are front panel I/O
FIO-PORT-F-L
FIO-PORT-E-R
JACK 7
FIO-PORT-E (Port-E)
1
2
5
3
4
FIO-PORT-F-R
JACK 8
FIO-PORT-F (Port-F)
1
2
5
3
4
FIO-PORT-E-R
J2
CON10A
1
3
5
7
9
2
4
6
8
10
FIO-PORT-E-L
Figure 20.
Front panel header and front panel module connection


Similar Part No. - ALC887-VD

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
ALC887-GR REALTEK-ALC887-GR Datasheet
996Kb / 82P
   7.1 CHANNEL HIGH DEFINITION AUDIO CODEC TWO INDEPENDENT SPDIF-OUT
More results

Similar Description - ALC887-VD

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
ALC888S REALTEK-ALC888S Datasheet
1Mb / 83P
   7.12 CHANNEL HIGH DEFINITION AUDIO CODEC WITH TWO INDEPENDENT S/PDIF-OUT
ALC887 REALTEK-ALC887 Datasheet
996Kb / 82P
   7.1 CHANNEL HIGH DEFINITION AUDIO CODEC TWO INDEPENDENT SPDIF-OUT
ALC861-VD-GR REALTEK-ALC861-VD-GR Datasheet
1Mb / 80P
   7.1 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC880 REALTEK-ALC880 Datasheet
1Mb / 84P
   7.1 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC861-GR REALTEK-ALC861-GR Datasheet
1Mb / 67P
   7.1 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC888S-VC REALTEK-ALC888S-VC Datasheet
1Mb / 83P
   7.12 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC882 REALTEK-ALC882 Datasheet
1Mb / 83P
   7.12 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC888-GR REALTEK-ALC888-GR Datasheet
1Mb / 81P
   7.12 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC888S-VC REALTEK-ALC888S-VC_08 Datasheet
1Mb / 83P
   7.12 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC888 REALTEK-ALC888 Datasheet
1Mb / 80P
   7.12 CHANNEL HIGH DEFINITION AUDIO CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com