Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALC887-VD Datasheet(PDF) 84 Page - Realtek Semiconductor Corp.

Part # ALC887-VD
Description  7.1 CHANNEL HIGH DEFINITION AUDIO CODEC WITH TWO INDEPENDENT S/PDIF OUTPUT
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

ALC887-VD Datasheet(HTML) 84 Page - Realtek Semiconductor Corp.

Back Button ALC887-VD Datasheet HTML 80Page - Realtek Semiconductor Corp. ALC887-VD Datasheet HTML 81Page - Realtek Semiconductor Corp. ALC887-VD Datasheet HTML 82Page - Realtek Semiconductor Corp. ALC887-VD Datasheet HTML 83Page - Realtek Semiconductor Corp. ALC887-VD Datasheet HTML 84Page - Realtek Semiconductor Corp. ALC887-VD Datasheet HTML 85Page - Realtek Semiconductor Corp. ALC887-VD Datasheet HTML 86Page - Realtek Semiconductor Corp. ALC887-VD Datasheet HTML 87Page - Realtek Semiconductor Corp. ALC887-VD Datasheet HTML 88Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 91 page
background image
ALC887-VD
Datasheet
7.1 Channel High Definition Audio Codec with Two
Independent S/PDIF Output
76
Rev. 0.22
10. Application Circuits
To get the best compatibility in hardware design and software driver, any modification should be
confirmed with Realtek. Realtek may update the latest application circuits onto our web site
(http://www.realtek.com) without modifying this datasheet
10.1. Desktop System
This section shows an example of desktop system has three analog jacks at rear panel has 7.1 channel output and two
re-tasking analog jacks at front panel.
Analog Port
Pin
Location
Function Description
FRONT (Port-D)
35, 36
Rear Panel
Front channel line output and amplified output
SURR (Port-A)
39, 41
Rear Panel
Surround channel line output
CENTER/LFE
(Port-G)
43, 44
Rear Panel
Center and low frequency (sub-woofer) channel line output
SIDE (Port-H)
45, 46
Rear Panel
Side surround channel line output
MIC1 (Port-B)
21, 22
Rear Panel
Analog microphone input
LINE1 (Port-C)
23, 24
Rear Panel
Analog line input
LINE2 (Port-E)
14, 15
Front Panel
Re-tasking jack supports headphone out (default), microphone input and line
input
MIC2 (Port-F)
16, 17
Front Panel
Re-tasking jack supports microphone input (default), line input and
headphone output


Similar Part No. - ALC887-VD

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
ALC887-GR REALTEK-ALC887-GR Datasheet
996Kb / 82P
   7.1 CHANNEL HIGH DEFINITION AUDIO CODEC TWO INDEPENDENT SPDIF-OUT
More results

Similar Description - ALC887-VD

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
ALC888S REALTEK-ALC888S Datasheet
1Mb / 83P
   7.12 CHANNEL HIGH DEFINITION AUDIO CODEC WITH TWO INDEPENDENT S/PDIF-OUT
ALC887 REALTEK-ALC887 Datasheet
996Kb / 82P
   7.1 CHANNEL HIGH DEFINITION AUDIO CODEC TWO INDEPENDENT SPDIF-OUT
ALC861-VD-GR REALTEK-ALC861-VD-GR Datasheet
1Mb / 80P
   7.1 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC880 REALTEK-ALC880 Datasheet
1Mb / 84P
   7.1 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC861-GR REALTEK-ALC861-GR Datasheet
1Mb / 67P
   7.1 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC888S-VC REALTEK-ALC888S-VC Datasheet
1Mb / 83P
   7.12 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC882 REALTEK-ALC882 Datasheet
1Mb / 83P
   7.12 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC888-GR REALTEK-ALC888-GR Datasheet
1Mb / 81P
   7.12 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC888S-VC REALTEK-ALC888S-VC_08 Datasheet
1Mb / 83P
   7.12 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC888 REALTEK-ALC888 Datasheet
1Mb / 80P
   7.12 CHANNEL HIGH DEFINITION AUDIO CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com