Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALC887-VD Datasheet(PDF) 82 Page - Realtek Semiconductor Corp.

Part # ALC887-VD
Description  7.1 CHANNEL HIGH DEFINITION AUDIO CODEC WITH TWO INDEPENDENT S/PDIF OUTPUT
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

ALC887-VD Datasheet(HTML) 82 Page - Realtek Semiconductor Corp.

Back Button ALC887-VD Datasheet HTML 78Page - Realtek Semiconductor Corp. ALC887-VD Datasheet HTML 79Page - Realtek Semiconductor Corp. ALC887-VD Datasheet HTML 80Page - Realtek Semiconductor Corp. ALC887-VD Datasheet HTML 81Page - Realtek Semiconductor Corp. ALC887-VD Datasheet HTML 82Page - Realtek Semiconductor Corp. ALC887-VD Datasheet HTML 83Page - Realtek Semiconductor Corp. ALC887-VD Datasheet HTML 84Page - Realtek Semiconductor Corp. ALC887-VD Datasheet HTML 85Page - Realtek Semiconductor Corp. ALC887-VD Datasheet HTML 86Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 91 page
background image
ALC887-VD
Datasheet
7.1 Channel High Definition Audio Codec with Two
Independent S/PDIF Output
74
Rev. 0.22
9.2.3.
S/PDIF Output and Input Timing
Table 83.
S/PDIF Output and Input Timing
Parameter
Symbol
Minimum
Typical
Maximum
Units
S/PDIF-OUT Frequency
-
-
3.072
-
MHz
S/PDIF-OUT Period *1
Tcycle
-
325.6
-
ns
S/PDIF-OUT Jitter
Tjitter
-
-
4
ns
S/PDIF-OUT High Level Width
THigh
156.2 (48%)
162.8 (50%)
169.2 (52%)
ns (%)
S/PDIF-OUT Low Level Width
TLow
156.2 (48%)
162.8 (50%)
169.2 (52%)
ns (%)
S/PDIF-OUT Rising Time
Trise
-
2.0
-
ns
S/PDIF-OUT Falling Time
Tfall
-
2.0
-
ns
S/PDIF-IN Period *2
Tcycle
-
325.6
-
ns
S/PDIF-IN Jitter
Tjitter
-
-
10
ns
S/PDIF-IN High Level Width
THigh
146.4 (45%)
162.8 (50%)
179 (55%)
ns (%)
S/PDIF-IN Low Level Width
TLow
146.4 (45%)
162.8 (50%)
179 (55%)
ns (%)
*1: Bit parameters for 48kHz sample rate of S/PDIF-OUT
*2: Bit parameters for 48kHz sample rate of S/PDIF-IN
low
t
V
IL
V
IH
OH
OL
high
rise
fall
Tcycle
T
T
T
T
V
V
V
Figure 18.
Output and Input Timing
9.2.4.
Test Mode
The ALC887-VD does not support test mode or Automatic Test Equipment (ATE) mode.


Similar Part No. - ALC887-VD

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
ALC887-GR REALTEK-ALC887-GR Datasheet
996Kb / 82P
   7.1 CHANNEL HIGH DEFINITION AUDIO CODEC TWO INDEPENDENT SPDIF-OUT
More results

Similar Description - ALC887-VD

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
ALC888S REALTEK-ALC888S Datasheet
1Mb / 83P
   7.12 CHANNEL HIGH DEFINITION AUDIO CODEC WITH TWO INDEPENDENT S/PDIF-OUT
ALC887 REALTEK-ALC887 Datasheet
996Kb / 82P
   7.1 CHANNEL HIGH DEFINITION AUDIO CODEC TWO INDEPENDENT SPDIF-OUT
ALC861-VD-GR REALTEK-ALC861-VD-GR Datasheet
1Mb / 80P
   7.1 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC880 REALTEK-ALC880 Datasheet
1Mb / 84P
   7.1 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC861-GR REALTEK-ALC861-GR Datasheet
1Mb / 67P
   7.1 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC888S-VC REALTEK-ALC888S-VC Datasheet
1Mb / 83P
   7.12 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC882 REALTEK-ALC882 Datasheet
1Mb / 83P
   7.12 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC888-GR REALTEK-ALC888-GR Datasheet
1Mb / 81P
   7.12 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC888S-VC REALTEK-ALC888S-VC_08 Datasheet
1Mb / 83P
   7.12 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC888 REALTEK-ALC888 Datasheet
1Mb / 80P
   7.12 CHANNEL HIGH DEFINITION AUDIO CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com