Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALC887-VD Datasheet(PDF) 50 Page - Realtek Semiconductor Corp.

Part # ALC887-VD
Description  7.1 CHANNEL HIGH DEFINITION AUDIO CODEC WITH TWO INDEPENDENT S/PDIF OUTPUT
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

ALC887-VD Datasheet(HTML) 50 Page - Realtek Semiconductor Corp.

Back Button ALC887-VD Datasheet HTML 46Page - Realtek Semiconductor Corp. ALC887-VD Datasheet HTML 47Page - Realtek Semiconductor Corp. ALC887-VD Datasheet HTML 48Page - Realtek Semiconductor Corp. ALC887-VD Datasheet HTML 49Page - Realtek Semiconductor Corp. ALC887-VD Datasheet HTML 50Page - Realtek Semiconductor Corp. ALC887-VD Datasheet HTML 51Page - Realtek Semiconductor Corp. ALC887-VD Datasheet HTML 52Page - Realtek Semiconductor Corp. ALC887-VD Datasheet HTML 53Page - Realtek Semiconductor Corp. ALC887-VD Datasheet HTML 54Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 91 page
background image
ALC887-VD
Datasheet
7.1 Channel High Definition Audio Codec with Two
Independent S/PDIF Output
42
Rev. 0.22
Codec Response for All NID
Bit
Description
31:0
Not supported (returns 00000000h)
8.6. Verb – Set Processing State (Verb ID=703h)
Table 38.
Verb – Set Processing State (Verb ID=703h)
Set Command Format
Codec Response Format
Bit [31:28]
Bit [27:20]
Bit [19:8]
Payload Bit [7:0]
Response [31:0]
CAd=X
Node ID=Xh
Verb ID=703h
Processing State [7:0]
0’s for all nodes
Codec Response for All NID
Bit
Description
31:0
0’s
8.7. Verb – Get Coefficient Index (Verb ID=Dh)
Table 39.
Verb – Get Coefficient Index (Verb ID=Dh)
Get Command Format
Codec Response Format
Bit [31:28]
Bit [27:20]
Bit [19:16]
Payload Bit [15:0]
Response [31:0]
CAd=X
Node ID=20h
Verb ID=Dh
0’s
Bit [15:0] are Coefficient Index
Codec Response for NID=20h (Realtek Defined Registers)
Bit
Description
31:16
Reserved. Read as 0’s
15:0
Coefficient Index
Codec Response for Other NID
Bit
Description
31:0
Not supported (returns 00000000h)
8.8. Verb – Set Coefficient Index (Verb ID=5h)
Table 40.
Verb – Set Coefficient Index (Verb ID=5h)
Set Command Format
Codec Response Format
Bit [31:28]
Bit [27:20]
Bit [19:16]
Payload Bit [15:0]
Response [31:0]
CAd=X
Node ID=Xh
Verb ID=5h
Coefficient Index [15:0]
0’s for all nodes


Similar Part No. - ALC887-VD

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
ALC887-GR REALTEK-ALC887-GR Datasheet
996Kb / 82P
   7.1 CHANNEL HIGH DEFINITION AUDIO CODEC TWO INDEPENDENT SPDIF-OUT
More results

Similar Description - ALC887-VD

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
ALC888S REALTEK-ALC888S Datasheet
1Mb / 83P
   7.12 CHANNEL HIGH DEFINITION AUDIO CODEC WITH TWO INDEPENDENT S/PDIF-OUT
ALC887 REALTEK-ALC887 Datasheet
996Kb / 82P
   7.1 CHANNEL HIGH DEFINITION AUDIO CODEC TWO INDEPENDENT SPDIF-OUT
ALC861-VD-GR REALTEK-ALC861-VD-GR Datasheet
1Mb / 80P
   7.1 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC880 REALTEK-ALC880 Datasheet
1Mb / 84P
   7.1 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC861-GR REALTEK-ALC861-GR Datasheet
1Mb / 67P
   7.1 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC888S-VC REALTEK-ALC888S-VC Datasheet
1Mb / 83P
   7.12 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC882 REALTEK-ALC882 Datasheet
1Mb / 83P
   7.12 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC888-GR REALTEK-ALC888-GR Datasheet
1Mb / 81P
   7.12 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC888S-VC REALTEK-ALC888S-VC_08 Datasheet
1Mb / 83P
   7.12 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC888 REALTEK-ALC888 Datasheet
1Mb / 80P
   7.12 CHANNEL HIGH DEFINITION AUDIO CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com