Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALC887-VD Datasheet(PDF) 45 Page - Realtek Semiconductor Corp.

Part # ALC887-VD
Description  7.1 CHANNEL HIGH DEFINITION AUDIO CODEC WITH TWO INDEPENDENT S/PDIF OUTPUT
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

ALC887-VD Datasheet(HTML) 45 Page - Realtek Semiconductor Corp.

Back Button ALC887-VD Datasheet HTML 41Page - Realtek Semiconductor Corp. ALC887-VD Datasheet HTML 42Page - Realtek Semiconductor Corp. ALC887-VD Datasheet HTML 43Page - Realtek Semiconductor Corp. ALC887-VD Datasheet HTML 44Page - Realtek Semiconductor Corp. ALC887-VD Datasheet HTML 45Page - Realtek Semiconductor Corp. ALC887-VD Datasheet HTML 46Page - Realtek Semiconductor Corp. ALC887-VD Datasheet HTML 47Page - Realtek Semiconductor Corp. ALC887-VD Datasheet HTML 48Page - Realtek Semiconductor Corp. ALC887-VD Datasheet HTML 49Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 91 page
background image
ALC887-VD
Datasheet
7.1 Channel High Definition Audio Codec with Two
Independent S/PDIF Output
37
Rev. 0.22
Codec Response for NID=0Bh (Mixer)
Bit
Description
31:24
Connection List Entry (N+3)
Returns 1Bh (Pin Complex – LINE2) for N=0~3
Returns 15h (Pin Complex-SURR) for N=4~7
Returns 00h for N>7
23:16
Connection List Entry (N+2)
Returns 1Ah (Pin Complex – LINE1) for N=0~3
Returns 14h (Pin Complex – FRONT) for N=4~7
Returns 00h for N>7
15:8
Connection List Entry (N+1)
Returns 19h (Pin Complex – MIC2) for N=0~3.
Returns 1Dh (Pin Complex – PCBEEP) for N=4~7
Returns 17h (Pin Complex – SIDESURR) for N=8~11
Returns 00h for N>11
7:0
Connection List Entry (N)
Returns 18h (Pin Complex – MIC1) for N=0~3
Returns 1Ch (Pin Complex – CD) for N=4~7
Returns 16h (Pin Complex – CEN/LFE) for N=8~11
Returns 00h for N>11
Codec Response for NID=0Ch (Front Sum)
Bit
Description
31:24
Connection List Entry (N)
Returns 00h
23:16
Connection List Entry (N+2)
Returns 00h
15:8
Connection List Entry (N+1)
Returns 0Bh (Mixer) for N=0~3
Returns 00h for N>3
7:0
Connection List Entry (N)
Returns 02h (Front DAC) for N=0~3
Returns 00h for N>3
Codec Response for NID=0Dh (Surround Sum)
Bit
Description
31:24
Connection List Entry (N)
Returns 00h
23:16
Connection List Entry (N+2)
Returns 00h
15:8
Connection List Entry (N+1)
Returns 0Bh (Mixer) for N=0~3
Returns 00h for N>3


Similar Part No. - ALC887-VD

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
ALC887-GR REALTEK-ALC887-GR Datasheet
996Kb / 82P
   7.1 CHANNEL HIGH DEFINITION AUDIO CODEC TWO INDEPENDENT SPDIF-OUT
More results

Similar Description - ALC887-VD

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
ALC888S REALTEK-ALC888S Datasheet
1Mb / 83P
   7.12 CHANNEL HIGH DEFINITION AUDIO CODEC WITH TWO INDEPENDENT S/PDIF-OUT
ALC887 REALTEK-ALC887 Datasheet
996Kb / 82P
   7.1 CHANNEL HIGH DEFINITION AUDIO CODEC TWO INDEPENDENT SPDIF-OUT
ALC861-VD-GR REALTEK-ALC861-VD-GR Datasheet
1Mb / 80P
   7.1 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC880 REALTEK-ALC880 Datasheet
1Mb / 84P
   7.1 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC861-GR REALTEK-ALC861-GR Datasheet
1Mb / 67P
   7.1 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC888S-VC REALTEK-ALC888S-VC Datasheet
1Mb / 83P
   7.12 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC882 REALTEK-ALC882 Datasheet
1Mb / 83P
   7.12 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC888-GR REALTEK-ALC888-GR Datasheet
1Mb / 81P
   7.12 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC888S-VC REALTEK-ALC888S-VC_08 Datasheet
1Mb / 83P
   7.12 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC888 REALTEK-ALC888 Datasheet
1Mb / 80P
   7.12 CHANNEL HIGH DEFINITION AUDIO CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com