Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALC887-VD Datasheet(PDF) 35 Page - Realtek Semiconductor Corp.

Part # ALC887-VD
Description  7.1 CHANNEL HIGH DEFINITION AUDIO CODEC WITH TWO INDEPENDENT S/PDIF OUTPUT
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

ALC887-VD Datasheet(HTML) 35 Page - Realtek Semiconductor Corp.

Back Button ALC887-VD Datasheet HTML 31Page - Realtek Semiconductor Corp. ALC887-VD Datasheet HTML 32Page - Realtek Semiconductor Corp. ALC887-VD Datasheet HTML 33Page - Realtek Semiconductor Corp. ALC887-VD Datasheet HTML 34Page - Realtek Semiconductor Corp. ALC887-VD Datasheet HTML 35Page - Realtek Semiconductor Corp. ALC887-VD Datasheet HTML 36Page - Realtek Semiconductor Corp. ALC887-VD Datasheet HTML 37Page - Realtek Semiconductor Corp. ALC887-VD Datasheet HTML 38Page - Realtek Semiconductor Corp. ALC887-VD Datasheet HTML 39Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 91 page
background image
ALC887-VD
Datasheet
7.1 Channel High Definition Audio Codec with Two
Independent S/PDIF Output
27
Rev. 0.22
8.
Supported Verbs and Parameters
This section describes the Verbs and Parameters supported by various widgets in the ALC887-VD. If a
verb is not supported by the addressed widget, it will respond with 32 bits of ‘0’.
8.1. Verb – Get Parameters (Verb ID=F00h)
The ‘Get Parameters’verb is used to get system information and the function capabilities of the HDA
codec. All the parameters are read-only. There are a total of 15 ID parameters defined for each widget.
Some parameters are supported only in a specific widget. Refer to section 7.4.1 Command Verb Format,
page 22, for detailed information about supported parameters.
Table 17.
Verb – Get Parameters (Verb ID=F00h)
Get Parameter Command Format
Codec Response Format
Bit [31:28]
Bit [27:20]
Bit [19:8]
Payload Bit [7:0]
Response [31:0]
CAd=X
Node ID=00h
Verb ID=F00h
Parameter ID[7:0]
32-bit Response
Note: If the parameter ID is not supported, the returned response is 32 bits of ‘0’.
8.1.1.
Parameter – Vendor ID (Verb ID=F00h, Parameter ID=00h)
Table 18.
Parameter – Vendor ID (Verb ID=F00h, Parameter ID=00h)
Codec Response Format
Bit
Description
31:16
Vendor ID=10ECh (Realtek’s PCI vendor ID)
15:0
Device ID=0887h
Note: The Root Node (NID=00h) supports this parameter.
8.1.2.
Parameter – Revision ID (Verb ID=F00h, Parameter ID=02h)
Table 19.
Parameter – Revision ID (Verb ID=F00h, Parameter ID=02h)
Codec Response Format
Bit
Description
31:24
Reserved. Read as 0’s
23:20
MajRev. The major version number (in decimal) of the HDA Spec to which the ALC887-VD is fully
compliant. Response=0x1
19:16
MinRev. The minor version number (in decimal) of the HDA Spec to which the ALC887-VD is fully
compliant. Response=0x0
15:8
Revision ID. The vendor’s revision number
00h is for the first silicon version (A version), 01h is for the second version (B version), etc.
7:0
Stepping ID. The vendor’s stepping number within the given Revision ID
Note: The Root Node (NID=00h in the ALC887-VD) supports this parameter.


Similar Part No. - ALC887-VD

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
ALC887-GR REALTEK-ALC887-GR Datasheet
996Kb / 82P
   7.1 CHANNEL HIGH DEFINITION AUDIO CODEC TWO INDEPENDENT SPDIF-OUT
More results

Similar Description - ALC887-VD

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
ALC888S REALTEK-ALC888S Datasheet
1Mb / 83P
   7.12 CHANNEL HIGH DEFINITION AUDIO CODEC WITH TWO INDEPENDENT S/PDIF-OUT
ALC887 REALTEK-ALC887 Datasheet
996Kb / 82P
   7.1 CHANNEL HIGH DEFINITION AUDIO CODEC TWO INDEPENDENT SPDIF-OUT
ALC861-VD-GR REALTEK-ALC861-VD-GR Datasheet
1Mb / 80P
   7.1 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC880 REALTEK-ALC880 Datasheet
1Mb / 84P
   7.1 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC861-GR REALTEK-ALC861-GR Datasheet
1Mb / 67P
   7.1 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC888S-VC REALTEK-ALC888S-VC Datasheet
1Mb / 83P
   7.12 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC882 REALTEK-ALC882 Datasheet
1Mb / 83P
   7.12 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC888-GR REALTEK-ALC888-GR Datasheet
1Mb / 81P
   7.12 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC888S-VC REALTEK-ALC888S-VC_08 Datasheet
1Mb / 83P
   7.12 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC888 REALTEK-ALC888 Datasheet
1Mb / 80P
   7.12 CHANNEL HIGH DEFINITION AUDIO CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com