Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NAS1291-9 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part No. NAS1291-9
Description  LEAST MATERIAL CONDITION
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NAS1291-9 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  NAS1291-9 Datasheet HTML 1Page - List of Unclassifed Manufacturers NAS1291-9 Datasheet HTML 2Page - List of Unclassifed Manufacturers NAS1291-9 Datasheet HTML 3Page - List of Unclassifed Manufacturers NAS1291-9 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LEAST MATERIAL CONDITION
4X SCALE
A
A
SECTION A-A
.024"
0.61 mm LMC TYP.
O .814"
20.68 mm
MAX
.566"
.556"
14.38 mm
14.12 mm
.5000-20UNJF-3B [12.7 mm]
CUT TAP AS8879
.410"
.350"
10.41 mm
8.89 mm
NAS1291-8 LOCK NUT
AXIAL STRENGTH: 27,500 LBS. [122,326 N.] MIN


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn