Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM1208-08MR Datasheet(PDF) 1 Page - California Micro Devices Corp

Part # CM1208-08MR
Description  7 & 8-Channel High-Speed ESD Protection Arrays
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM1208-08MR Datasheet(HTML) 1 Page - California Micro Devices Corp

  CM1208-08MR Datasheet HTML 1Page - California Micro Devices Corp CM1208-08MR Datasheet HTML 2Page - California Micro Devices Corp CM1208-08MR Datasheet HTML 3Page - California Micro Devices Corp CM1208-08MR Datasheet HTML 4Page - California Micro Devices Corp CM1208-08MR Datasheet HTML 5Page - California Micro Devices Corp CM1208-08MR Datasheet HTML 6Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
©
2004 California Micro Devices Corp. All rights reserved.
02/02/04
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
L Tel: 408.263.3214
L Fax: 408.263.7846 L www.calmicro.com
1
CM1208-07/08
7 & 8-Channel High-Speed ESD Protection Arrays
Features
Seven or eight channels of high-speed ESD pro-
tection
Meets IEC-61000-4-2 Level 4 ESD protection
requirements (+8kV contact discharge)
Meets IEC-61000-4-2 +15kV air discharge
requirements
Low loading capacitance at 3pF typical
•Low supply and leakage currents – ideal for bat-
tery-powered devices
Small MSOP-10 package
Lead-free versions available
Applications
High speed data line ESD protection
•DVI ports
High resolution video (e.g. VGA ports)
Expansion ports for Notebook/Handheld
Computers
5V pseudo RS-232 ports
Product Description
The CM1208-07/CM1208-08 is a diode array designed
to provide either 7 or 8 channels of ESD protection for
electronic components or sub-systems. Each channel
consists of a pair of diodes, which steers the ESD cur-
rent pulse to either the positive (VP) or negative (VN)
supply. The CM1208-07/08 devices will protect against
ESD pulses up to 15kV contact discharge per the Inter-
national Standard IEC61000-4-2.
These devices are particularly well-suited for portable
electronics (e.g.handheld and notebook computers)
because of its small package footprint, high ESD pro-
tection level, and low loading capacitance. They are
also suitable for protecting video output lines and I/O
ports in computers, set top boxes, digital TVs and
peripheral equipment.
The CM1208-07/CM1208-08 is housed in a 10 pin
MSOP package and is available with optional lead-free
finishing.
Electrical Schematics
CH3
VN
CH6
CH4
CH5
CH1
VP
CM1208-07
VN
CH2
CH7
CH3
VN
CH6
CH4
CH5
CH1
VP
CM1208-08
CH8
CH2
CH7


Similar Part No. - CM1208-08MR

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM1200DB-34N MITSUBISHI-CM1200DB-34N Datasheet
62Kb / 6P
   HIGH POWER SWITCHING USE INSULATED TYPE
logo
Powerex Power Semicondu...
CM1200DB-34N POWEREX-CM1200DB-34N Datasheet
536Kb / 6P
   Dual IGBTMOD HVIGBT Module 1200 Amperes/1700 Volts
logo
Mitsubishi Electric Sem...
CM1200DC-34N MITSUBISHI-CM1200DC-34N Datasheet
61Kb / 6P
   HIGH POWER SWITCHING USE INSULATED TYPE
logo
Powerex Power Semicondu...
CM1200DC-34N POWEREX-CM1200DC-34N Datasheet
494Kb / 6P
   Dual IGBTMOD HVIGBT Module 1200 Amperes/1700 Volts
logo
Mitsubishi Electric Sem...
CM1200DC-34S MITSUBISHI-CM1200DC-34S Datasheet
518Kb / 11P
   HIGH POWER SWITCHING USE NSULATED TYPE
More results

Similar Description - CM1208-08MR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1293 ONSEMI-CM1293 Datasheet
344Kb / 10P
   8-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 3
logo
California Micro Device...
PACDN1408C CALMIRCO-PACDN1408C Datasheet
747Kb / 3P
   ESD PROTECTION ARRAYS, 8 CHANNEL, CHIP SCALE PACKAGE
logo
Nexperia B.V. All right...
PUSBMXX4-TL NEXPERIA-PUSBMXX4-TL Datasheet
785Kb / 11P
   High-speed USB OTG ESD protection diode arrays
logo
NXP Semiconductors
PUSBM12VX4-TL PHILIPS-PUSBM12VX4-TL Datasheet
531Kb / 10P
   High-speed USB OTG ESD protection diode arrays
Rev. 3-14 June 2012
PUSBM5V5X4-TL NXP-PUSBM5V5X4-TL Datasheet
531Kb / 10P
   High-speed USB OTG ESD protection diode arrays
Rev. 3-14 June 2012
PUSBMXX4-TL PHILIPS-PUSBMXX4-TL_15 Datasheet
531Kb / 10P
   High-speed USB OTG ESD protection diode arrays
Rev. 3-14 June 2012
logo
California Micro Device...
CM1220 CALMIRCO-CM1220 Datasheet
199Kb / 6P
   4 and 8-Channel ESD Protection Arrays in CSP
logo
ON Semiconductor
CM1220 ONSEMI-CM1220 Datasheet
347Kb / 10P
   4 and 8-Channel ESD Protection Arrays in CSP
March 2010 ??Rev.2
CM1213 ONSEMI-CM1213 Datasheet
1Mb / 17P
   6 and 8-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 3
CM1213 ONSEMI-CM1213_13 Datasheet
384Kb / 9P
   6 and 8-Channel Low Capacitance ESD Protection Arrays
June, 2013 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com