Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX5471 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part No. MAX5471
Description  32-Tap, Nonvolatile, Linear-Taper Digital Potentiometers
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX5471 Datasheet(HTML) 2 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
32-Tap, Nonvolatile, Linear-Taper Digital
Potentiometers in SOT23
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = +2.7V to +5.25V, VH = VDD, VL = GND, TA = -40
°C to +85°C, unless otherwise noted. Typical values are at VDD = +5.0V, TA
= +25
°C, unless otherwise noted.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to GND ...........................................................-0.3V to +6.0V
All Other
Pins to GND .........-0.3V to the lower of (VDD + 0.3V) or +6.0V
Maximum Continuous Current into H, L, and W
MAX5471/MAX5474 .....................................................
±1.3mA
MAX5472/MAX5475 .....................................................
±0.6mA
Continuous Power Dissipation (TA = +70
°C)
6-Pin SOT23 (derate 9.1mW/
°C above +70°C)............727mW
8-Pin SOT23 (derate 8.9mW/
°C above +70°C)............714mW
Operating Temperature Range ...........................-40
°C to +85°C
Junction Temperature ......................................................+150
°C
Storage Temperature Range .............................-60
°C to +150°C
Lead Temperature (soldering, 10s) .................................+300
°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC PERFORMANCE
Resolution
N
32
Tap
MAX5471/MAX5474
37.5
50
62.5
End-to-End Resistance
MAX5472/MAX5475
75
100
125
k
End-to-End Resistance
Temperature Coefficient
TCR
35
ppm/
°C
Ratiometric Resistance
Temperature Coefficient
5
ppm/
°C
Variable-resistor mode (Note 2)
±0.5
±1.0
Integral Nonlinearity
INL
Voltage-divider mode (MAX5474/MAX5475)
(Note 3)
±0.1
±0.5
LSB
Variable-resistor mode (Note 2)
±0.5
±1.0
Differential Nonlinearity
DNL
Voltage-divider mode (MAX5474/MAX5475)
(Note 3)
±0.1
±0.5
LSB
Full-Scale Error
MAX5474/MAX5475
-0.5
LSB
Zero-Scale Error
MAX5474/MAX5475
+0.5
LSB
Wiper Resistance
RW
MAX5474/MAX5475 (Note 4)
600
1200
DIGITAL INPUTS (CS, U/D, INC) (Note 5)
VDD < 3.6V
0.7 x VDD
Input High Voltage
VIH
VDD
≥ 3.6V
2.4
V
VDD < 3.6V
0.3 x VDD
Input Low Voltage
VIL
VDD
≥ 3.6V
0.8
V
Input Current
IIN
±0.1
±1
µA
DYNAMIC CHARACTERISTICS
MAX5471/MAX5474
400
Wiper -3dB Bandwidth (Note 6)
MAX5472/MAX5475
200
kHz


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn