Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B141XG03 Datasheet(PDF) 8 Page - AU Optronics Corp.,

Part # B141XG03
Description  14.1 inch XGA Color TFT LCD Module
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUO [AU Optronics Corp.,]
Direct Link  http://www.auo.com/
Logo AUO - AU Optronics Corp.,

B141XG03 Datasheet(HTML) 8 Page - AU Optronics Corp.,

Back Button B141XG03 Datasheet HTML 4Page - AU Optronics Corp., B141XG03 Datasheet HTML 5Page - AU Optronics Corp., B141XG03 Datasheet HTML 6Page - AU Optronics Corp., B141XG03 Datasheet HTML 7Page - AU Optronics Corp., B141XG03 Datasheet HTML 8Page - AU Optronics Corp., B141XG03 Datasheet HTML 9Page - AU Optronics Corp., B141XG03 Datasheet HTML 10Page - AU Optronics Corp., B141XG03 Datasheet HTML 11Page - AU Optronics Corp., B141XG03 Datasheet HTML 12Page - AU Optronics Corp., Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Spec. No.
:
413-212-086
Version
:
2
Page
:
6 / 18
ALL RIGHTS STRICTLY RESERVED. ANY PORTION OF THIS PAPER SHALL NOT BE REPRODUCED, COPIED, OR
TRANSFORMED TO ANY OTHER FORMS WITHOUT PERMISSION FROM AU OPTRONICS CORP.
LVDS
Interface
Backlight
On
Apply the lamp voltage within the LCD operating range. When the backlight turns on before the
LCD operation or the LCD turns off before the backlight turns off, the display may momentarily
become abnormal.
The above on/off sequence should be applied to avoid abnormal function in the display.
In case of handling:
Make sure to turn off the power when you plug the cable into the input connector or pull the
cable out of the connector.
b. Display color v.s. input data signals
Data signal (0 : Low level, 1: High level)
Display colors
R5 R4 R3 R2 R1 R0 G5 G4 G3 G2 G1 G0 B5 B4 B3 B2 B1 B0
Basic
colors
Black
Blue
Red
Magenta
Green
Cyan
Yellow
White
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
0
0
0
1
1
1
1
0
0
0
0
1
1
1
1
0
0
0
0
1
1
1
1
0
0
0
0
1
1
1
1
0
0
0
0
1
1
1
1
0
0
0
0
1
1
1
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
Red
grayscale
Black
Dark
bright
Red
0
0
0
1
1
1
0
0
0
1
1
1
0
0
0
1
1
1
0
0
0
1
1
1
0
0
1
0
1
1
0
1
0
1
0
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Caution


Similar Part No. - B141XG03

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
B1412 UTC-B1412 Datasheet
100Kb / 5P
   HIGH VOLTAGE SWITCHING TRANSISTOR
logo
Weitron Technology
B1412 WEITRON-B1412 Datasheet
249Kb / 4P
   PNP EPITAXIAL PLANAR TRANSISTOR
logo
Rohm
B1412 ROHM-B1412 Datasheet
107Kb / 5P
   Low Frequency Transistor(-20V,-5A)
logo
Jiangsu Changjiang Elec...
B1412 JIANGSU-B1412 Datasheet
458Kb / 2P
   TO-251-3L Plastic-Encapsulate Transistors
logo
Foshan Blue Rocket Elec...
B1412 FOSHAN-B1412 Datasheet
818Kb / 6P
   Silicon PNP transistor in a TO-252 Plastic Package.
More results

Similar Description - B141XG03

ManufacturerPart #DatasheetDescription
logo
AU Optronics Corp.,
B141EW04V4 AUO-B141EW04V4 Datasheet
481Kb / 35P
   14.1 WXGA Color TFT-LCD
logo
List of Unclassifed Man...
M150XN07 ETC2-M150XN07_07 Datasheet
506Kb / 29P
   15.0??XGA Color TFT-LCD Module
logo
AU Optronics Corp.,
M150XN07V.2 AUO-M150XN07V.2 Datasheet
511Kb / 29P
   15.0inch XGA Color TFT-LCD Module
logo
List of Unclassifed Man...
M150XN07 ETC-M150XN07 Datasheet
239Kb / 26P
   15.0??XGA Color TFT-LCD Module
M150XN07V2 ETC2-M150XN07V2 Datasheet
506Kb / 29P
   15.0??XGA Color TFT-LCD Module
logo
AU Optronics Corp.,
B150XG02V4 AUO-B150XG02V4 Datasheet
661Kb / 36P
   15.0inch XGA Color TFT-LCD Module
G150XG01V.0 AUO-G150XG01V.0 Datasheet
278Kb / 28P
   15.0inch XGA Color TFT-LCD Module
logo
List of Unclassifed Man...
N150X4-L05 ETC-N150X4-L05 Datasheet
131Kb / 29P
   TYPE 15.0 XGA COLOR TFT/LCD MODULE
logo
Purdy Electronics Corpo...
ANDPSI104EA5S-HB-KIT PURDY-ANDPSI104EA5S-HB-KIT Datasheet
240Kb / 7P
   10.4??XGA Color p-Si TFT LCD Module
ANDPSI104EA5S-4HB-KIT PURDY-ANDPSI104EA5S-4HB-KIT Datasheet
458Kb / 10P
   10.4??XGA Color p-Si TFT LCD Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com