Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RTL8211E-VL-CG Datasheet(PDF) 19 Page - Realtek Semiconductor Corp.

Part No. RTL8211E-VL-CG
Description  INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
Download  75 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  REALTEK [Realtek Semiconductor Corp.]
Homepage  https://www.realtek.com/en/
Logo 

RTL8211E-VL-CG Datasheet(HTML) 19 Page - Realtek Semiconductor Corp.

Zoom Inzoom in Zoom Outzoom out
 19 / 75 page
background image
RTL8211E/RTL8211EG
Datasheet
Integrated 10/100/1000M Ethernet Transceiver
11
Track ID: JATR-2265-11 Rev. 1.4
6.6. Reset
Table 6. Reset
Pin No.
(48-pin)
Pin No.
(64-pin)
Pin Name
Type
Description
29
38
PHYRSTB
I
Hardware Reset. Active low.
For a complete PHY reset, this pin must be asserted low for at least 10ms.
All registers will be cleared after a hardware reset.
6.7. Mode Selection
Table 7. Mode Selection
Pin No.
(48-pin)
Pin No.
(64-pin)
Pin Name
Type
(48-pin)
Type
(64-pin)
Description
34
50
PHY_AD0
O/LI/PU
35
51
PHY_AD1
O/LI/PD
13
18
PHY_AD2
O/LI/PD
PHY Address Configuration.
17
29
AN0
O/LI/PU
18
30
AN1
O/LI/PU
Auto-Negotiation (NWay) Configuration.
-
31
COL/Mode
-
O/LI/PD RGMII/GMII Mode Configuration.
Pull Up for RGMII.
Pull Down for GMII.
14
25
SELRGV
O/LI/PU
Pull Up for 3.3V RGMII (RTL8211E/EG-VB) & GMII
(RTL8211EG-VB).
Pull Down for 2.5V RGMII (RTL8211E/EG-VB) & GMII
(RTL8211EG-VB).
Pull Up for 1.5V RGMII (RTL8211E-VL).
Note: See section 7.7 Hardware Configuration, page 16 for details.
6.8. LED Default Settings
Table 8. LED Default Settings
Pin No.
(48-pin)
Pin No.
(64-pin)
Pin Name
Type
Description
34
50
LED0
O/LI/PU
Blinking=Transmitting or Receiving.
35
51
LED1
O/LI/PD
Low=Link Up (Any speed)
High=Link Down (Any speed)
Note: High/Low active depends on hardware configuration setting.
32
52
LED2
O/LI/PD
No default setting. See Table 19 LED Configuration Table, page 28 for
configuration details.
Note: See section 7.13 LED Configuration, page 27 for details.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn