Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RTL8211E-VL-CG Datasheet(PDF) 10 Page - Realtek Semiconductor Corp.

Part No. RTL8211E-VL-CG
Description  INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
Download  75 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  REALTEK [Realtek Semiconductor Corp.]
Homepage  https://www.realtek.com/en/
Logo 

RTL8211E-VL-CG Datasheet(HTML) 10 Page - Realtek Semiconductor Corp.

Zoom Inzoom in Zoom Outzoom out
 10 / 75 page
background image
RTL8211E/RTL8211EG
Datasheet
Integrated 10/100/1000M Ethernet Transceiver
2
Track ID: JATR-2265-11 Rev. 1.4
2. Features
1000Base-T IEEE 802.3ab Compliant
100Base-TX IEEE 802.3u Compliant
10Base-T IEEE 802.3 Compliant
Supports RGMII (RTL8211E/RTL8211EG)
Supports GMII (RTL8211EG)
Supports IEEE 802.3az-2010 (Energy
Efficient Ethernet)
Built-in Wake-on-LAN (WOL)
Supports Interrupt function
Supports Parallel Detection
Crossover Detection & Auto-Correction
Automatic polarity correction
Supports PHYRSTB core power Turn-Off
Baseline Wander Correction
Supports 120m for CAT.5 cable in
1000Base-T
Supports 3.3V or 2.5V signaling for
RGMII/GMII (RTL8211E-VB,
RTL8211EG-VB)
Supports 1.5V signaling for RGMII
(RTL8211E-VL)
Supports 25/50MHz external crystal or OSC
Provides 125MHz clock source for MAC
Provides 3 network status LEDs
Supports Link Down power saving
Green Ethernet (1000/100Mbps mode only)
Built-in switching regulator
Packages
48-pin QFN (RTL8211E)
64-pin QFN (RTL8211EG)
0.11µm process with very low power
consumption


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn