Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RTL8211E-VL-CG Datasheet(PDF) 71 Page - Realtek Semiconductor Corp.

Part No. RTL8211E-VL-CG
Description  INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
Download  75 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  REALTEK [Realtek Semiconductor Corp.]
Homepage  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

RTL8211E-VL-CG Datasheet(HTML) 71 Page - Realtek Semiconductor Corp.

Back Button RTL8211E-VL-CG Datasheet HTML 67Page - Realtek Semiconductor Corp. RTL8211E-VL-CG Datasheet HTML 68Page - Realtek Semiconductor Corp. RTL8211E-VL-CG Datasheet HTML 69Page - Realtek Semiconductor Corp. RTL8211E-VL-CG Datasheet HTML 70Page - Realtek Semiconductor Corp. RTL8211E-VL-CG Datasheet HTML 71Page - Realtek Semiconductor Corp. RTL8211E-VL-CG Datasheet HTML 72Page - Realtek Semiconductor Corp. RTL8211E-VL-CG Datasheet HTML 73Page - Realtek Semiconductor Corp. RTL8211E-VL-CG Datasheet HTML 74Page - Realtek Semiconductor Corp. RTL8211E-VL-CG Datasheet HTML 75Page - Realtek Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 71 / 75 page
background image
RTL8211E/RTL8211EG
Datasheet
Integrated 10/100/1000M Ethernet Transceiver
63
Track ID: JATR-2265-11 Rev. 1.4
Table 59. RGMII Timing Parameters
Symbol
Description
Min
Typical
Max
Units
TGCC
Clock Cycle Duration (Giga)
7.2
8
8.8
ns
Clock Cycle Duration (100Mbps)
36
40
44
ns
Clock Cycle Duration (10Mbps)
360
400
440
ns
Duty_G
Duty Cycle for Gigabit
45
50
55
%
Duty_T
Duty Cycle for 10/100T
40
50
60
%
tR
RXC Rise Time (20%~80%)
-
-
0.75
ns
tF
RXC Fall Time (20%~80%)
-
-
0.75
ns
TsetupT
Data to Clock Output Setup (at transmitter
integrated delay)
1.2
2
-
ns
TholdT
Data to Clock Output Hold (at transmitter
integrated delay)
1.2
2
-
ns
TsetupR
Data to Clock Input Setup (at receiver integrated
delay)
1.0
2
-
ns
TholdR
Data to Clock Input Hold (at receiver integrated
delay)
1.0
2
-
ns
TskewT
Data to Clock Output Skew (at transmitter)
-0.5
0
0.5
ns
TskewR
Data to Clock Input Skew (at receiver)
This implies that PC board design will require
clocks to be routed such that an additional trace
delay of greater than 1.5ns and less than 2.0ns
will be added to the associated clock signal.
1
1.8
2.6
ns


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn