Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RTL8211E-VL-CG Datasheet(PDF) 63 Page - Realtek Semiconductor Corp.

Part No. RTL8211E-VL-CG
Description  INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
Download  75 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  REALTEK [Realtek Semiconductor Corp.]
Homepage  https://www.realtek.com/en/
Logo 

RTL8211E-VL-CG Datasheet(HTML) 63 Page - Realtek Semiconductor Corp.

Zoom Inzoom in Zoom Outzoom out
 63 / 75 page
background image
RTL8211E/RTL8211EG
Datasheet
Integrated 10/100/1000M Ethernet Transceiver
55
Track ID: JATR-2265-11 Rev. 1.4
10.3. Crystal Requirements
Table 52. Crystal Requirements
Symbol
Description/Condition
Minimum
Typical
Maximum
Unit
Fref
Parallel Resonant Crystal Reference Frequency,
Fundamental Mode, AT-Cut Type.
-
25
-
MHz
Fref Stability
Parallel Resonant Crystal Frequency Stability,
Fundamental Mode, AT-Cut Type. Ta=0°C~70°C.
-30
-
+30
ppm
Fref Tolerance
Parallel Resonant Crystal Frequency Tolerance,
Fundamental Mode, AT-Cut Type. Ta=25°C.
-50
-
+50
ppm
Fref Duty Cycle
Reference Clock Input Duty Cycle.
40
-
60
%
ESR
Equivalent Series Resistance.
-
-
30
DL
Drive Level.
-
-
0.5
mW
Jitter
Broadband Peak-to-Peak Jitter
1, 2
-
-
200
ps
Note 1: 25KHz to 25MHz RMS < 3ps.
Note 2: Broadband RMS < 9ps.
10.4. Oscillator/External Clock Requirements
Table 53. Oscillator/External Clock Requirements
Parameter
Condition
Minimum
Typical
Maximum
Unit
Frequency
-
-
25/50
-
MHz
Frequency Stability
Ta = 0°C~70°C
-30
-
30
ppm
Frequency Tolerance
Ta = 25°C
-50
-
50
ppm
Duty Cycle
-
40
-
60
%
Broadband Peak-to-Peak Jitter
1, 2
-
-
-
200
ps
Vpeak-to-peak
-
3.15
3.3
3.45
V
Rise Time (10%~90%)
-
-
-
10
ns
Fall Time (10%~90%)
-
-
-
10
ns
Operating Temperature Range
-
0
-
70
°C
Note 1: 25KHz to 25MHz RMS < 3ps.
Note 2: Broadband RMS < 9ps.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn