Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RTL8211E-VL-CG Datasheet(PDF) 62 Page - Realtek Semiconductor Corp.

Part No. RTL8211E-VL-CG
Description  INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
Download  75 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  REALTEK [Realtek Semiconductor Corp.]
Homepage  https://www.realtek.com/en/
Logo 

RTL8211E-VL-CG Datasheet(HTML) 62 Page - Realtek Semiconductor Corp.

Zoom Inzoom in Zoom Outzoom out
 62 / 75 page
background image
RTL8211E/RTL8211EG
Datasheet
Integrated 10/100/1000M Ethernet Transceiver
54
Track ID: JATR-2265-11 Rev. 1.4
10. Characteristics
10.1. Absolute Maximum Ratings
WARNING: Absolute maximum ratings are limits beyond which permanent damage may be caused to the
device, or device reliability will be affected. All voltages are specified reference to GND unless otherwise
specified.
Table 50. Absolute Maximum Ratings
Symbol
Description
Minimum
Maximum
Unit
VDD33, AVDD33
Supply Voltage 3.3V
-0.4
3.7
V
AVDD10, DVDD10
Supply Voltage 1.05V
-0.1
1.26
V
2.5V RGMII/GMII
Supply Voltage 2.5V
-0.2
2.8
V
1.5V RGMII
Supply Voltage 1.5V
-0.2
2.0
V
DCinput
Input Voltage
-0.5
Corresponding Supply Voltage + 0.5
V
DCoutput
Output Voltage
-0.3
Corresponding Supply Voltage + 0.5
V
NA
Storage Temperature
-55
+125
°C
Note: Refer to the most updated schematic circuit for correct configuration.
10.2. Recommended Operating Conditions
Table 51. Recommended Operating Conditions
Description
Pins
Minimum
Typical
Maximum
Unit
DVDD33, AVDD33
2.97
3.3
3.63
V
AVDD10, DVDD10
0.95
1.05
1.09
V
2.5V RGMII/GMII
2.4
2.5
2.62
V
Supply Voltage VDD
1.5V RGMII
1.43
1.5
1.9
V
Ambient Operating Temperature TA
-
0
-
70
°C
Maximum Junction Temperature
-
-
-
125
°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn