Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RTL8211E-VL-CG Datasheet(PDF) 46 Page - Realtek Semiconductor Corp.

Part No. RTL8211E-VL-CG
Description  INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
Download  75 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  REALTEK [Realtek Semiconductor Corp.]
Homepage  https://www.realtek.com/en/
Logo 

RTL8211E-VL-CG Datasheet(HTML) 46 Page - Realtek Semiconductor Corp.

Zoom Inzoom in Zoom Outzoom out
 46 / 75 page
background image
RTL8211E/RTL8211EG
Datasheet
Integrated 10/100/1000M Ethernet Transceiver
38
Track ID: JATR-2265-11 Rev. 1.4
Bit
Name
RW
Default
Description
10.11
Link Partner 1000Base-T
Full Duplex Capability
RO
0
Link Partner 1000Base-T Full Duplex Capability.
1: Link Partner is capable of 1000Base-T full duplex
0: Link Partner is not capable of 1000Base-T full duplex
10.10
Link Partner 1000Base-T
Half Duplex Capability
RO
0
Link Partner 1000Base-T Half Duplex Capability.
1: Link Partner is capable of 1000Base-T half duplex
0: Link Partner is not capable of 1000Base-T half duplex
10.9:8
RSVD
RO
00
Reserved.
10.7:0
Idle Error Count
RO, RC
0x00
MSB of Idle Error Counter.
The counter stops automatically when it reaches 0xff.
Note 1: Values set in register 10.11:10 are not valid until register 6.1 is set to 1.
Note 2: Register 10 is not valid until the Auto-Negotiation complete bit 1.5 indicates completed.
8.3.12. MACR (MMD Access Control Register, Address 0x0D)
Table 33. MACR (MMD Access Control Register, Address 0x0D)
Bit
Name
RW
Default
Description
13.15:14
Function
WO
0
00: Address
01: Data with no post increment
10: Data with post increment on reads and writes
11: Data with post increment on writes only
13.13:5
RSVD
RO
000000000
Reserved.
13.4:0
DEVAD
WO
0
Device Address.
Note 1: This register is used in conjunction with the MAADR (Register 14) to provide access to the MMD address space.
Note 2: If the MAADR accesses for address (Function=00), then it is directed to the address register within the MMD
associated with the value in the DEVAD field.
Note 3: If the MAADR accesses for data (Function
≠00), both the DEVAD field and MMD’s address register direct the
MAADR data accesses to the appropriate registers within the MMD.
8.3.13. MAADR (MMD Access Address Data Register, Address 0x0E)
Table 34. MAADR (MMD Access Address Data Register, Address 0x0E)
Bit
Name
RW
Default
Description
14.15:0
Address Data
RW
0x0000
14.15:14 = 00
MMD DEVAD’s address register
14.15:14 = 01, 10, or 11
MMD DEVAD’s data register as indicated by the contents of its
address register
Note: This register is used in conjunction with the MACR (Register 13) to provide access to the MMD address space.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn