Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RTL8211E-VL-CG Datasheet(PDF) 43 Page - Realtek Semiconductor Corp.

Part No. RTL8211E-VL-CG
Description  INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
Download  75 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  REALTEK [Realtek Semiconductor Corp.]
Homepage  https://www.realtek.com/en/
Logo 

RTL8211E-VL-CG Datasheet(HTML) 43 Page - Realtek Semiconductor Corp.

Zoom Inzoom in Zoom Outzoom out
 43 / 75 page
background image
RTL8211E/RTL8211EG
Datasheet
Integrated 10/100/1000M Ethernet Transceiver
35
Track ID: JATR-2265-11 Rev. 1.4
8.3.6.
ANLPAR (Auto-Negotiation Link Partner Ability Register,
Address 0x05)
Table 27. ANLPAR (Auto-Negotiation Link Partner Ability Register, Address 0x05)
Bit
Name
RW
Default
Description
5.15
Next Page
RO
0
Next Page Indication.
Received Code Word Bit 15.
5.14
ACK
RO
0
Acknowledge.
Received Code Word Bit 14.
5.13
Remote Fault
RO
0
Remote Fault indicated by Link Partner.
Received Code Word Bit 13.
5.12
RSVD
RO
0
Reserved.
5.11:5
Technology Ability Field
RO
00000000
Received Code Word Bit 12:5.
5.4:0
Selector Field
RO
00000
Received Code Word Bit 4:0.
Note: Register 5 is not valid until the Auto-Negotiation complete bit 1.5 indicates completed.
8.3.7.
ANER (Auto-Negotiation Expansion Register, Address 0x06)
Table 28. ANER (Auto-Negotiation Expansion Register, Address 0x06)
Bit
Name
RW
Default
Description
6.15:5
RSVD
RO
0x000
Reserved.
6.4
Parallel Detection Fault
RC
0
1: A fault has been detected via the Parallel Detection
function
0: A fault has not been detected via the Parallel Detection
function
6.3
Link Partner Next Pageable
RO
0
1: Link Partner supports Next Page exchange
0: Link Partner does not support Next Page exchange
6.2
Local Next Pageable
RO
1
1: Local Device is able to send Next Page
Always 1.
6.1
Page Received
RC
0
1: A New Page (new LCW) has been received
0: A New Page has not been received
6.0
Link Partner
Auto-Negotiation capable
RO
0
1: Link Partner supports Auto-Negotiation
0: Link Partner does not support Auto-Negotiation
Note: Register 6 is not valid until the Auto-Negotiation complete bit 1.5 indicates completed.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn