Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RTL8211E-VL-CG Datasheet(PDF) 42 Page - Realtek Semiconductor Corp.

Part No. RTL8211E-VL-CG
Description  INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
Download  75 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  REALTEK [Realtek Semiconductor Corp.]
Homepage  https://www.realtek.com/en/
Logo 

RTL8211E-VL-CG Datasheet(HTML) 42 Page - Realtek Semiconductor Corp.

Zoom Inzoom in Zoom Outzoom out
 42 / 75 page
background image
RTL8211E/RTL8211EG
Datasheet
Integrated 10/100/1000M Ethernet Transceiver
34
Track ID: JATR-2265-11 Rev. 1.4
8.3.4.
PHYID2 (PHY Identifier Register 2, Address 0x03)
Table 25. PHYID2 (PHY Identifier Register 2, Address 0x03)
Bit
Name
RW
Default
Description
3.15:10
OUI_LSB
RO
110010
Organizationally Unique Identifier Bit 19:24.
Always 110010.
3.9:4
Model Number
RO
010001
Manufacture’s Model Number
3.3:0
Revision Number
RO
0101
Revision Number
8.3.5.
ANAR (Auto-Negotiation Advertising Register, Address 0x04)
Table 26. ANAR (Auto-Negotiation Advertising Register, Address 0x04)
Bit
Name
RW
Default
Description
4.15
NextPage
RW
0
1: Additional next pages exchange desired
0: No additional next pages exchange desired
4.14
RSVD
RO
0
Reserved.
4.13
Remote Fault
RW
0
1: Set Remote Fault bit
0: No remote fault detected
4.12
RSVD
RO
0
Reserved.
4.11
Asymmetric PAUSE
RW
0
1: Advertise support of asymmetric pause
0: No support of asymmetric pause
4.10
PAUSE
RW
1
1: Advertise support of pause frames
0: No support of pause frames
4.9
100Base-T4
RO
0
1: 100Base-T4 support
0: 100Base-T4 not supported
4.8
100Base-TX (Full)
RW
1
1: Advertise support of 100Base-TX full-duplex mode
0: Not advertised
4.7
100Base-TX (Half)
RW
1
1: Advertise support of 100Base-TX half-duplex mode
0: Not advertised
4.6
10Base-T (Full)
RW
1
1: Advertise support of 10Base-TX full-duplex mode
0: Not advertised
4.5
10Base-T (Half)
RW
1
1: Advertise support of 10Base-TX full-duplex mode
0: Not advertised
4.4:0
Selector Field
RO
00001
Indicates the RTL8211E/RTL8211EG supports IEEE 802.3
Note 1: The setting of Register 4 has no effect unless NWay is restarted or the link goes down.
Note 2: If 1000Base-T is advertised, then the required next pages are automatically transmitted. Register 4.15 should be set
to 0 if no additional next pages are needed.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn