Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RTL8211E-VL-CG Datasheet(PDF) 34 Page - Realtek Semiconductor Corp.

Part No. RTL8211E-VL-CG
Description  INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
Download  75 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  REALTEK [Realtek Semiconductor Corp.]
Homepage  https://www.realtek.com/en/
Logo 

RTL8211E-VL-CG Datasheet(HTML) 34 Page - Realtek Semiconductor Corp.

Zoom Inzoom in Zoom Outzoom out
 34 / 75 page
background image
RTL8211E/RTL8211EG
Datasheet
Integrated 10/100/1000M Ethernet Transceiver
26
Track ID: JATR-2265-11 Rev. 1.4
7.12. Crossover Detection and Auto-Correction
Ethernet needs a crossover mechanism between both link partners to cross the transmit signal to the
receiver when the medium is twisted-pair cable. Crossover Detection & Auto-Correction Configuration
eliminates the need for crossover cables between devices, such as two PC’s connected to each other with a
CAT.5 Ethernet cable. The basic concept is to assume the initial default setting is MDI mode, and then
check the link status. If no link is established after a certain time, change to MDI Crossover mode and
repeat the process until a link is established. An 11-bit pseudo-random timer is applied to decide the mode
change time interval.
Crossover Detection & Auto-Correction is not a part of the Auto-Negotiation process, but it utilizes the
process to exchange the MDI/MDI Crossover configuration. If the RTL8211E/RTL8211EG is configured
to only operate in 100Base-TX or only in 10Base-T mode, then Auto-Negotiation is disabled only if the
Crossover Detection & Auto-Correction function is also disabled. If Crossover Detection &
Auto-Correction are enabled, then Auto-Negotiation is enabled and the RTL8211E/RTL8211EG advertises
only 100Base-TX mode or 10Base-T mode. If the speed of operation is configured manually and
Auto-Negotiation is still enabled because the Crossover Detection & Auto-Correction function is enabled,
then the duplex advertised is as follows:
1. If CONFIG is set to half duplex, then only half duplex is advertised.
2. If CONFIG is set to full duplex, then both full and half duplex are advertised.
If the user wishes to advertise only full duplex at a particular speed with the Crossover Detection &
Auto-Correction function enabled, then Auto-Negotiation should be enabled (register 0.12) with the
appropriate advertising capabilities set in registers 4 or 9. The Crossover Detection & Auto-Correction
function may be enabled/disabled by setting (register 16.6) manually.
After initial configuration following a hardware reset, Auto-Negotiation can be enabled and disabled via
register 0.12, speed via registers 0.13, 0.6, and duplex via register 0.8. The abilities that are advertised can
be changed via registers 4 and 9. Changes to registers 0.12, 0.13, 0.6, and 0.8 do not take effect unless at
least one of the following events occurs:
• Software reset (register 0.15)
• Restart of Auto-Negotiation (register 0.9)
• Transition from power-down to power-up (register 0.11)
Registers 4 and 9 are internally latched once each time Auto-Negotiation enters the ABILITY DETECT
state in the arbitration state machine (IEEE 802.3). Hence a write into register 4 or 9 has no effect once the
RTL8211E/RTL8211EG begins to transmit Fast Link Pulses.
Register 7 is treated in a similar manner as 4 and 9 during additional Next Page exchanges. Once the
RTL8211E/RTL8211EG completes Auto-Negotiation, it updates the various statuses in registers 1, 5, 6,
and 10. The speed, duplex, page received, and Auto-Negotiation completed statuses are also available in
registers 17 and 19.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn