Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RTL8211E-VL-CG Datasheet(PDF) 30 Page - Realtek Semiconductor Corp.

Part No. RTL8211E-VL-CG
Description  INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
Download  75 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  REALTEK [Realtek Semiconductor Corp.]
Homepage  https://www.realtek.com/en/
Logo 

RTL8211E-VL-CG Datasheet(HTML) 30 Page - Realtek Semiconductor Corp.

Zoom Inzoom in Zoom Outzoom out
 30 / 75 page
background image
RTL8211E/RTL8211EG
Datasheet
Integrated 10/100/1000M Ethernet Transceiver
22
Track ID: JATR-2265-11 Rev. 1.4
Table 16. 1000Base-T Base and Next Page Bit Assignments
Bit
Name
Bit Description
Register Location
Base Page
D15
NP
Next Page.
1: Indicates that Next Pages follow
0: Indicates that no Next Pages follow
-
D14
Ack
Acknowledge.
1: Indicates that a device has successfully received its link
partner’s Link Code Word (LCW)
-
D13
RF
Remote Fault.
1: Indicates to its link partner that a device has encountered a fault
condition
-
D[12:5]
A[7:0]
Technology Ability Field.
Indicates to its link partner the supported technologies specific to
the selector field value.
Register 4.[12:5]
Table 26, page 34.
D[4:0]
S[4:0]
Selector Field.
Always 00001.
Indicates to its link partner that it is an IEEE 802.3 device.
Register 4.[4:0]
Table 26, page 34.
PAGE 0 (Message Next Page)
M15
NP
Next Page.
1: Indicates that Next Pages follow
0: Indicates that no Next Pages follow
-
M14
Ack
Acknowledge.
1: Indicates that a device has successfully received its link
partner’s Link Code Word (LCW)
-
M13
MP
Message Page.
1: Indicates to its link partner that this is a message page, not an
unformatted page.
-
M12
Ack2
Acknowledge 2.
1: Indicates to its link partner that the device has the ability to
comply with the message.
-
M11
T
Toggle.
Used by the NWay arbitration function to ensure synchronization
with its link partner during Next Page exchange.
-
M[10:0]
-
1000Base-T Message Code.
Always 8.
-
PAGE 1 (Unformatted Next Page)
U15
NP
Next Page.
1: Indicates that Next Pages follow
0: Indicates that no Next Pages follow
-
U14
Ack
Acknowledge.
1: Indicates that a device has successfully received its link
partner’s Link Code Word (LCW)
-
U13
MP
Message Page.
1: Indicates to its link partner that this is a message page, not an
unformatted page.
-


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn