Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTL8211E-VB-CG Datasheet(PDF) 38 Page - Realtek Semiconductor Corp.

Part # RTL8211E-VB-CG
Description  INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

RTL8211E-VB-CG Datasheet(HTML) 38 Page - Realtek Semiconductor Corp.

Back Button RTL8211E-VB-CG Datasheet HTML 34Page - Realtek Semiconductor Corp. RTL8211E-VB-CG Datasheet HTML 35Page - Realtek Semiconductor Corp. RTL8211E-VB-CG Datasheet HTML 36Page - Realtek Semiconductor Corp. RTL8211E-VB-CG Datasheet HTML 37Page - Realtek Semiconductor Corp. RTL8211E-VB-CG Datasheet HTML 38Page - Realtek Semiconductor Corp. RTL8211E-VB-CG Datasheet HTML 39Page - Realtek Semiconductor Corp. RTL8211E-VB-CG Datasheet HTML 40Page - Realtek Semiconductor Corp. RTL8211E-VB-CG Datasheet HTML 41Page - Realtek Semiconductor Corp. RTL8211E-VB-CG Datasheet HTML 42Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 75 page
background image
RTL8211E/RTL8211EG
Datasheet
Integrated 10/100/1000M Ethernet Transceiver
30
Track ID: JATR-2265-11 Rev. 1.4
8. Register Descriptions
8.1. Register Mapping and Definitions
Table 20. Register Mapping and Definitions
Offset
Access
Name
Description
0
RW
BMCR
Basic Mode Control Register.
1
RO
BMSR
Basic Mode Status Register.
2
RO
PHYID1
PHY Identifier Register 1.
3
RO
PHYID2
PHY Identifier Register 2.
4
RW
ANAR
Auto-Negotiation Advertising Register.
5
RW
ANLPAR
Auto-Negotiation Link Partner Ability Register.
6
RW
ANER
Auto-Negotiation Expansion Register.
7
RW
ANNPTR
Auto-Negotiation Next Page Transmit Register.
8
RW
ANNPRR
Auto-Negotiation Next Page Receive Register.
9
RW
GBCR
1000Base-T Control Register.
10
RO
GBSR
1000Base-T Status Register.
11~12
RO
RSVD
Reserved.
13
WO
MACR
MMD Access Control Register.
14
RW
MAADR
MMD Access Address Data Register.
15
RO
GBESR
1000Base-T Extended Status Register.
16
RW
PHYCR
PHY Specific Control Register.
17
RO
PHYSR
PHY Specific Status Register.
18
RW
INER
Interrupt Enable Register.
19
RO
INSR
Interrupt Status Register.
20~23
RW
RSVD
Reserved.
24
RO
RXERC
Receive Error Counter.
25~26
RW
RSVD
Reserved.
27~28
RO
RSVD
Reserved.
29~30
RW
RSVD
Reserved.
31
RW
PAGSEL
Page Select Register.
Note: To switch to extension Page44, set Register 31 Data=0x0007 (set to extension page). Set Register 30 Data=0x002c
(extension Page44). After LED setting, switch to the PHY’s Page0 (Register 31 Data=0000).
8.2. MMD Register Mapping and Definition
Table 21. MMD Register Mapping and Definition
Device
Offset
Access
Name
Description
3
0
RW
PC1R
PCS Control 1 Register.
3
1
RW
PS1R
PCS Status 1 Register.
3
20
RO
EEECR
EEE Capability Register.
3
22
RC
EEEWER
EEE Wake Error Register.
7
60
RW
EEEAR
EEE Advertisement Register.
7
61
RO
EEELPAR
EEE Link Partner Ability Register.


Similar Part No. - RTL8211E-VB-CG

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8211E-VB-CG REALTEK-RTL8211E-VB-CG Datasheet
1Mb / 77P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8211E-VB-CG REALTEK-RTL8211E-VB-CG Datasheet
1Mb / 75P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8211E-VB-CG REALTEK-RTL8211E-VB-CG Datasheet
1Mb / 79P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8211E-VB-CG REALTEK-RTL8211E-VB-CG_11 Datasheet
1Mb / 75P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8211E-VB-CG_11 REALTEK-RTL8211E-VB-CG_11_10 Datasheet
1Mb / 77P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
More results

Similar Description - RTL8211E-VB-CG

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8211E-VB-CG REALTEK-RTL8211E-VB-CG_12 Datasheet
1Mb / 79P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8211E-VB-CG_11 REALTEK-RTL8211E-VB-CG_11_10 Datasheet
1Mb / 77P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8211F-CG REALTEK-RTL8211F-CG Datasheet
1Mb / 72P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8211E-VB-CG REALTEK-RTL8211E-VB-CG_11 Datasheet
1Mb / 75P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8153-VB-CG REALTEK-RTL8153-VB-CG Datasheet
572Kb / 34P
   INTEGRATED 10/100/1000M ETHERNET CONTROLLER
logo
List of Unclassifed Man...
IP1001LF ETC2-IP1001LF Datasheet
617Kb / 48P
   Integrated 10/100/1000 Gigabit Ethernet Transceiver
logo
Realtek Semiconductor C...
RTL8211B-GR REALTEK-RTL8211B-GR Datasheet
699Kb / 47P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8251C-GR REALTEK-RTL8251C-GR_09 Datasheet
1Mb / 56P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8251C-GR REALTEK-RTL8251C-GR Datasheet
1Mb / 56P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8211C-GR_08 REALTEK-RTL8211C-GR_08_05 Datasheet
1Mb / 58P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com