Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K9F1G08 Datasheet(PDF) 35 Page - Samsung semiconductor

Part # K9F1G08
Description  1Gb NAND Flash
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K9F1G08 Datasheet(HTML) 35 Page - Samsung semiconductor

Back Button K9F1G08 Datasheet HTML 30Page - Samsung semiconductor K9F1G08 Datasheet HTML 31Page - Samsung semiconductor K9F1G08 Datasheet HTML 32Page - Samsung semiconductor K9F1G08 Datasheet HTML 33Page - Samsung semiconductor K9F1G08 Datasheet HTML 34Page - Samsung semiconductor K9F1G08 Datasheet HTML 35Page - Samsung semiconductor K9F1G08 Datasheet HTML 36Page - Samsung semiconductor K9F1G08 Datasheet HTML 37Page - Samsung semiconductor K9F1G08 Datasheet HTML 38Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 35 / 38 page
background image
[Figure 13] Read ID Operation
[Figure 14] RESET Operation
- 35 -
datasheet
FLASH MEMORY
Rev. 1.1
K9F1G08U0D
5.6 Read ID
The device contains a product identification mode, initiated by writing 90h to the command register, followed by an address input of 00h. Five read cycles
sequentially output the manufacturer code(ECh), and the device code and 3rd, 4th, 5th cycle ID respectively. The command register remains in Read ID
mode until further commands are issued to it. Figure 13 shows the operation sequence.
5.7 Reset
The device offers a reset feature, executed by writing FFh to the command register. When the device is in Busy state during random read, program or
erase mode, the reset operation will abort these operations. The contents of memory cells being altered are no longer valid, as the data will be partially
programmed or erased. The command register is cleared to wait for the next command, and the Status Register is cleared to value C0h when WP is high.
If the device is already in reset state a new reset command will be accepted by the command register. The R/B pin changes to low for tRST after the
Reset command is written. Refer to Figure 14 below
[Table 3] Device Status
Device
Device Code (2nd Cycle)
3rd Cycle
4th Cycle
5th Cycle
K9F1G08U0D
F1h
00h
95h
40h
After Power-up
After Reset
Operation mode Mode
00h Command is latched
Waiting for next command
CE
CLE
I/OX
ALE
RE
WE
90h
00h
tCEA
tAR
tREA
tWHR
tCLR
Device
4th Cyc.
Code
ECh
3rd Cyc.
5th Cyc.
FFh
I/OX
R/B
tRST


Similar Part No. - K9F1G08

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F1G08 SAMSUNG-K9F1G08 Datasheet
436Kb / 38P
   1Gb E-die NAND Flash
K9F1G08 SAMSUNG-K9F1G08 Datasheet
677Kb / 37P
   FLASH MEMORY
K9F1G08D0M SAMSUNG-K9F1G08D0M Datasheet
729Kb / 40P
   128M x 8 Bit / 64M x 16 Bit NAND Flash Memory
K9F1G08Q0A SAMSUNG-K9F1G08Q0A Datasheet
677Kb / 37P
   FLASH MEMORY
K9F1G08Q0M SAMSUNG-K9F1G08Q0M Datasheet
729Kb / 40P
   128M x 8 Bit / 64M x 16 Bit NAND Flash Memory
More results

Similar Description - K9F1G08

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F1G08U0E SAMSUNG-K9F1G08U0E Datasheet
436Kb / 38P
   1Gb E-die NAND Flash
K9F1G08Q0M-YCB0 SAMSUNG-K9F1G08Q0M-YCB0 Datasheet
713Kb / 38P
   1Gb Gb 1.8V NAND Flash Errata
logo
Elite Semiconductor Mem...
F59L8G81XSB ESMT-F59L8G81XSB Datasheet
1Mb / 82P
   8 Gbit (1Gb x 8) 3.3V NAND Flash Memory
F59D8G81XB ESMT-F59D8G81XB Datasheet
2Mb / 84P
   8 Gbit (1Gb x 8) 1.8V NAND Flash Memory
logo
KIOXIA Corporation
TC58CVG0S3HRAIG KIOXIA-TC58CVG0S3HRAIG Datasheet
2Mb / 43P
   1Gb, 3.3V Serial Interface NAND
TC58CYG0S3HRAIG KIOXIA-TC58CYG0S3HRAIG Datasheet
2Mb / 43P
   1Gb 1.8V Serial Interface NAND
TC58CVG0S3HRAIJ KIOXIA-TC58CVG0S3HRAIJ Datasheet
1Mb / 49P
   1Gb 3.3V Serial Interface NAND
TC58CYG0S3HRAIJ KIOXIA-TC58CYG0S3HRAIJ Datasheet
1Mb / 49P
   1Gb 1.8V Serial Interface NAND
logo
Micron Technology
MT29F1G08 MICRON-MT29F1G08 Datasheet
103Kb / 1P
   NAND Flash
logo
Samsung semiconductor
KBE00S003M SAMSUNG-KBE00S003M Datasheet
1Mb / 86P
   1Gb NAND*2 256Mb Mobile SDRAM*2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com