Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K9F1G08U0D Datasheet(PDF) 10 Page - Samsung semiconductor

Part # K9F1G08U0D
Description  1Gb NAND Flash
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K9F1G08U0D Datasheet(HTML) 10 Page - Samsung semiconductor

Back Button K9F1G08U0D Datasheet HTML 6Page - Samsung semiconductor K9F1G08U0D Datasheet HTML 7Page - Samsung semiconductor K9F1G08U0D Datasheet HTML 8Page - Samsung semiconductor K9F1G08U0D Datasheet HTML 9Page - Samsung semiconductor K9F1G08U0D Datasheet HTML 10Page - Samsung semiconductor K9F1G08U0D Datasheet HTML 11Page - Samsung semiconductor K9F1G08U0D Datasheet HTML 12Page - Samsung semiconductor K9F1G08U0D Datasheet HTML 13Page - Samsung semiconductor K9F1G08U0D Datasheet HTML 14Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
- 10 -
datasheet
FLASH MEMORY
Rev. 1.1
K9F1G08U0D
2.0 PRODUCT INTRODUCTION
NAND Flash Memory has addresses multiplexed into 8 I/Os. This scheme dramatically reduces pin counts and allows system upgrades to future densities
by maintaining consistency in system board design. Command, address and data are all written through I/O's by bringing WE to low while CE is low.
Those are latched on the rising edge of WE. Command Latch Enable(CLE) and Address Latch Enable(ALE) are used to multiplex command and address
respectively, via the I/O pins. Some commands require one bus cycle. For example, Reset Command, Status Read Command, etc. require just one cycle
bus. Some other commands, like page read and block erase and page program, require two cycles: one cycle for setup and the other cycle for execution..
Page Read and Page Program need the same five address cycles following the required command input. In Block Erase operation, however, only the
three row address cycles are used. Device operations are selected by writing specific commands into the command register. Table 1 defines the specific
commands of the K9G1G08U0D.
[Table 1] Command Sets
NOTE :
1) Random Data Input/Output can be executed in a page.
Caution :
Any undefined command inputs are prohibited except for above command set of Table 1.
Function
1st Cycle
2nd Cycle
Acceptable Command during Busy
Read
00h
30h
Read for Copy Back
00h
35h
Read ID
90h
-
Reset
FFh
-
O
Page Program
80h
10h
Copy-Back Program
85h
10h
Block Erase
60h
D0h
Random Data Input(1)
85h
-
Random Data Output(1)
05h
E0h
Read Status
70h
-
O


Similar Part No. - K9F1G08U0D

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F1G08U0A SAMSUNG-K9F1G08U0A Datasheet
677Kb / 37P
   FLASH MEMORY
K9F1G08U0A SAMSUNG-K9F1G08U0A Datasheet
1,008Kb / 37P
   128M x 8 Bit / 256M x 8 Bit NAND Flash Memory
K9F1G08U0B SAMSUNG-K9F1G08U0B Datasheet
570Kb / 36P
   128M x 8 Bit NAND Flash Memory
K9F1G08U0B-P SAMSUNG-K9F1G08U0B-P Datasheet
570Kb / 36P
   128M x 8 Bit NAND Flash Memory
K9F1G08U0C-PCB0T00 SAMSUNG-K9F1G08U0C-PCB0T00 Datasheet
973Kb / 36P
   Samsung Semiconductor, Inc. Product Selection Guide
More results

Similar Description - K9F1G08U0D

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F1G08U0E SAMSUNG-K9F1G08U0E Datasheet
436Kb / 38P
   1Gb E-die NAND Flash
K9F1G08Q0M-YCB0 SAMSUNG-K9F1G08Q0M-YCB0 Datasheet
713Kb / 38P
   1Gb Gb 1.8V NAND Flash Errata
logo
Elite Semiconductor Mem...
F59L8G81XSB ESMT-F59L8G81XSB Datasheet
1Mb / 82P
   8 Gbit (1Gb x 8) 3.3V NAND Flash Memory
F59D8G81XB ESMT-F59D8G81XB Datasheet
2Mb / 84P
   8 Gbit (1Gb x 8) 1.8V NAND Flash Memory
logo
KIOXIA Corporation
TC58CVG0S3HRAIG KIOXIA-TC58CVG0S3HRAIG Datasheet
2Mb / 43P
   1Gb, 3.3V Serial Interface NAND
TC58CYG0S3HRAIG KIOXIA-TC58CYG0S3HRAIG Datasheet
2Mb / 43P
   1Gb 1.8V Serial Interface NAND
TC58CVG0S3HRAIJ KIOXIA-TC58CVG0S3HRAIJ Datasheet
1Mb / 49P
   1Gb 3.3V Serial Interface NAND
TC58CYG0S3HRAIJ KIOXIA-TC58CYG0S3HRAIJ Datasheet
1Mb / 49P
   1Gb 1.8V Serial Interface NAND
logo
Micron Technology
MT29F1G08 MICRON-MT29F1G08 Datasheet
103Kb / 1P
   NAND Flash
logo
Samsung semiconductor
KBE00S003M SAMSUNG-KBE00S003M Datasheet
1Mb / 86P
   1Gb NAND*2 256Mb Mobile SDRAM*2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com