Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AIC1729 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part No. AIC1729
Description  400mA Low Dropout Linear Regulator with Voltage Detector Function
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

AIC1729 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AIC1729
6
n TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
Fig. 7
Output voltage vs. Temperature
-40
-20
0
20
40
60
80
100
3.25
3.30
3.35
3.40
I_load=400mA
Temperature (C)
I_load=250mA
I_load=100mA
I_load=0mA
Fig. 8
Output Turn-on Rise Time
Fig. 9
Built-in Delay Time Waveform
Detector Voltage
D
OUT
Fig. 10 Delay Time vs. External Capacitor
0
50
100
150
200
250
300
350
400
0
100
200
300
400
500
V_det=4.5 V
External Capacitor (nF)
n BLOCK DIAGRAM
1.8~4.0V
LDO
SD
Control
SD
Control
Voltage
Detector
VOUT1
SD1
VOUT2
SD2
VCC
CD
DOUT
GND


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn