Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AIC1729 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part No. AIC1729
Description  400mA Low Dropout Linear Regulator with Voltage Detector Function
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

AIC1729 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AIC1729
5
n TYPICAL PERFORMANCE CHARACTERISTICS
0
100
200
300
400
500
600
3.20
3.22
3.24
3.26
3.28
3.30
3.32
Fig. 1 Output voltage vs. Loading Current
Loading
Current (mA)
Fig. 2
Load Regulation
0
100
200
300
400
500
0
20
40
60
80
100
Load Current (mA)
Fig. 3
Line Transient
Fig. 4
Load Transient
Fig. 5 Switch Ron vs. Loading current (mA)
0
200
400
600
800
1000
0.30
0.31
0.32
0.33
0.34
0.35
Loading Current (mA)
Fig. 6
Switch Ron vs. Temperature
-40
-20
0
20
40
60
80
0.20
0.22
0.24
0.26
0.28
0.30
0.32
0.34
0.36
0.38
0.40
I_load=500mA
Temperature (C)


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn