Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AIC1729 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part No. AIC1729
Description  400mA Low Dropout Linear Regulator with Voltage Detector Function
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

AIC1729 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AIC1729
4
n ELECTRICAL CHARACTERISTICS (Continued)
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
IL=100mA
140
200
IL=200mA
280
350
IL=300mA
420
500
VOUT ≥ 3.3V
IL=400mA
550
700
IL=100mA
250
300
IL=200mA
420
500
IL=300mA
600
700
2.5V
≤VOUT<3.3V
IL=400mA
780
900
IL=100mA
700
800
IL=200mA
880
950
IL=300mA
1050
1150
Dropout Voltage
(Note 4)
VOUT < 2.5V
IL=400mA
1220
1400
mV
VSD=Logic”0”
0.8
SD2 Pin Voltage
VSD=Logic”1”
2.4
V
Voltage Detector ( 3.0V ~ 4.6V with 0.1V step )
Detect Voltage(VDET)
VDSET ×
0.98
VDSET
VDSET ×
1.02
V
Detect Threshold Hysteresis
VDET ×
1.05
V
When VDET is Detected
0.6
VDOUT
When VDET is not Detected
1.65
V
Delay Time
CD Pin Open
1
3
mS
Note 1: Guaranteed by design.
Note 2: Regulation is measured at constant junction temperature, using pulse testing with a low ON time.
Note 3: Current limit is measured by pulsing a short time.
Note 4: Dropout voltage is defined as the input to output differential at which the output voltage drops
100mV below the value measured with a 1V differential.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn