Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7887SDCKR Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ADS7887SDCKR
Description  10-/8-Bit, 1.25-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS7887SDCKR Datasheet(HTML) 7 Page - Burr-Brown (TI)

Back Button ADS7887SDCKR Datasheet HTML 3Page - Burr-Brown (TI) ADS7887SDCKR Datasheet HTML 4Page - Burr-Brown (TI) ADS7887SDCKR Datasheet HTML 5Page - Burr-Brown (TI) ADS7887SDCKR Datasheet HTML 6Page - Burr-Brown (TI) ADS7887SDCKR Datasheet HTML 7Page - Burr-Brown (TI) ADS7887SDCKR Datasheet HTML 8Page - Burr-Brown (TI) ADS7887SDCKR Datasheet HTML 9Page - Burr-Brown (TI) ADS7887SDCKR Datasheet HTML 10Page - Burr-Brown (TI) ADS7887SDCKR Datasheet HTML 11Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
www.ti.com
TIMING REQUIREMENTS (see Figure 1)
ADS7887
ADS7888
SLAS468 – JUNE 2005
ADS7888 SPECIFICATIONS (continued)
+V
DD = 2.35 V to 5.25 V, TA = –40°C to 125°C, fsample = 1.25 MHz
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD = 5 V
5.5
7.5
Power dissipation in static state
mW
VDD = 3 V
3
4.5
Power down time
0.1
µs
Power up time
0.8
µs
Invalid conversions after power up
1
TEMPERATURE RANGE
Specified performance
–40
125
°C
All specifications typical at T
A = –40°C to 125°C, VDD = 2.35 V to 5.25 V, unless otherwise specified.
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
VDD = 3 V
14
× t
SCLK
ADS7887
VDD = 5 V
14
× t
SCLK
tconv
Conversion time
ns
VDD = 3 V
12
× t
SCLK
ADS7888
VDD = 5V
12
× t
SCLK
VDD = 3 V
40
Minimum quiet time needed from bus 3-state to start
tq
ns
of next conversion
VDD = 5 V
40
VDD = 3 V
15
25
td1
Delay time, CS low to first data (0) out
ns
VDD = 5 V
13
25
VDD = 3 V
10
tsu1
Setup time, CS low to SCLK low
ns
VDD = 5 V
10
VDD = 3 V
15
25
td2
Delay time, SCLK falling to SDO
ns
VDD = 5 V
13
25
VDD < 3 V
7
th1
Hold time, SCLK falling to data valid(2)
ns
VDD > 5 V
5.5
VDD = 3 V
10
25
td3
Delay time, 16th SCLK falling edge to SDO 3-state
ns
VDD = 5 V
8
20
VDD = 3 V
25
40
tw1
Pulse duration, CS
ns
VDD = 5 V
25
40
VDD = 3 V
17
30
td4
Delay time, CS high to SDO 3-state, Figure 3
ns
VDD = 5 V
15
25
VDD = 3 V
0.4
× t
SCLK
twH
Pulse duration, SCLK high
ns
VDD = 5 V
0.4
× t
SCLK
VDD = 3 V
0.4
× t
SCLK
twL
Pulse duration, SCLK low
ns
VDD = 5 V
0.4
× t
SCLK
VDD = 3 V
25
Frequency, SCLK
MHz
VDD = 5 V
25
Delay time, second falling edge of clock and CS to
VDD = 3 V
-2
5
td5
enter in powerdown (use min spec not to accidently
ns
VDD = 5 V
-2
5
enter in powerdown) Figure 4
Delay time, CS and 10th falling edge of clock to
VDD = 3 V
2
-5
td6
enter in powerdown (use max spec not to accidently
ns
VDD = 5 V
2
-5
enter in powerdown) Figure 4
(1)
3-V Specifications apply from 2.35 V to 3.6 V, and 5-V specifications apply from 4.75 V to 5.25 V.
(2)
With 50-pf load.
7


Similar Part No. - ADS7887SDCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7887SDCKR TI1-ADS7887SDCKR Datasheet
1Mb / 29P
[Old version datasheet]   10-/8-Bit, 1.25-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
More results

Similar Description - ADS7887SDCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7887 TI1-ADS7887_14 Datasheet
1Mb / 29P
[Old version datasheet]   10-/8-Bit, 1.25-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
logo
Burr-Brown (TI)
ADS7884 BURR-BROWN-ADS7884 Datasheet
843Kb / 22P
   10-/8-BIT, 3-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
logo
Texas Instruments
ADS7887M TI1-ADS7887M Datasheet
536Kb / 17P
[Old version datasheet]   10-BIT 1.25-MSPS MICRO-POWER MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7887M TI1-ADS7887M_14 Datasheet
499Kb / 19P
[Old version datasheet]   10-BIT 1.25-MSPS MICRO-POWER MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7886 TI-ADS7886 Datasheet
1Mb / 17P
[Old version datasheet]   12-Bit, 1-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
ADS7886 TI1-ADS7886_14 Datasheet
1Mb / 24P
[Old version datasheet]   12-Bit, 1-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
ADS7891 TI1-ADS7891_15 Datasheet
994Kb / 31P
[Old version datasheet]   14-BIT, 1.25-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7890 TI-ADS7890 Datasheet
352Kb / 25P
[Old version datasheet]   14-BIT, 1.25-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7890 TI1-ADS7890_15 Datasheet
1,016Kb / 29P
[Old version datasheet]   14-BIT, 1.25-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7883 TI1-ADS7883_14 Datasheet
1Mb / 20P
[Old version datasheet]   12-BIT, 3-MSPS, MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com