Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TD1410 Datasheet(PDF) 6 Page - TECHCODE SEMICONDUCTOR, INC.

Part # TD1410
Description  2A 380KHz 20V PWM Buck DC/DC Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECHCODE [TECHCODE SEMICONDUCTOR, INC.]
Direct Link  http://www.techcodesemi.com/
Logo TECHCODE - TECHCODE SEMICONDUCTOR, INC.

TD1410 Datasheet(HTML) 6 Page - TECHCODE SEMICONDUCTOR, INC.

Back Button TD1410 Datasheet HTML 2Page - TECHCODE SEMICONDUCTOR, INC. TD1410 Datasheet HTML 3Page - TECHCODE SEMICONDUCTOR, INC. TD1410 Datasheet HTML 4Page - TECHCODE SEMICONDUCTOR, INC. TD1410 Datasheet HTML 5Page - TECHCODE SEMICONDUCTOR, INC. TD1410 Datasheet HTML 6Page - TECHCODE SEMICONDUCTOR, INC. TD1410 Datasheet HTML 7Page - TECHCODE SEMICONDUCTOR, INC. TD1410 Datasheet HTML 8Page - TECHCODE SEMICONDUCTOR, INC. TD1410 Datasheet HTML 9Page - TECHCODE SEMICONDUCTOR, INC. TD1410 Datasheet HTML 10Page - TECHCODE SEMICONDUCTOR, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
 
 
 
 
December,  23,  2009.                             Techcode  Semiconductor  Limited                           www.techcodesemi.com 
Techcode®
2A 380KHz 20V PWM Buck DC/DC Converter
TD1410
DATASHEET
Typical Performance Characteristics 
Figure 4. Switching Frequency vs. Temperature 
Figure 5. Vfb vs. Temperature 
 
 
Figure 6. Icc vs. Temperature  
Figure 7. Efficiency vs. Load (Vin=10V) 
 
  


Similar Part No. - TD1410

ManufacturerPart #DatasheetDescription
logo
TECHCODE SEMICONDUCTOR,...
TD1410C TECHCODE-TD1410C Datasheet
336Kb / 13P
   1.8A 380KHZ 20V PWM Buck DC/DC Converter
February, 2007 Rev 2.0
TD1410CPR TECHCODE-TD1410CPR Datasheet
336Kb / 13P
   1.8A 380KHZ 20V PWM Buck DC/DC Converter
February, 2007 Rev 2.0
More results

Similar Description - TD1410

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FAC1410 FS-FAC1410 Datasheet
313Kb / 10P
   2A 380KHZ 20V PWM Buck DC/DC Converter
logo
YOBON TECHNOLOGIES,INC.
YB1682 YOBON-YB1682 Datasheet
212Kb / 9P
   2A 380KHz 20V PWM Buck DC/DC Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1534 TECHCODE-TD1534 Datasheet
710Kb / 16P
   2A 380KHz 20V PWM Buck DC/DC Converter
logo
First Silicon Co., Ltd
FAC1513 FS-FAC1513 Datasheet
984Kb / 15P
   2A 380KHz 20V PWM Buck DC/DC Converte
FAC1534 FS-FAC1534 Datasheet
863Kb / 15P
   2A 380KHz 20V PWM Buck DC/DC Converte
logo
YOBON TECHNOLOGIES,INC.
YB1685 YOBON-YB1685 Datasheet
226Kb / 9P
   2A 380KHz 32V PWM Buck DC/DC Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1591 TECHCODE-TD1591 Datasheet
635Kb / 16P
   2A 380KHz 32V PWM Buck DC/DC Converter
logo
First Silicon Co., Ltd
FAC1591 FS-FAC1591 Datasheet
747Kb / 12P
   2A 380KHZ 32V PWM Buck DC/DC Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1410C TECHCODE-TD1410C Datasheet
336Kb / 13P
   1.8A 380KHZ 20V PWM Buck DC/DC Converter
February, 2007 Rev 2.0
logo
BCD Semiconductor Manuf...
AP3201A BCDSEMI-AP3201A Datasheet
448Kb / 11P
   380kHz, 2A Asynchronous DC-DC Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com