Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

XL6009 Datasheet(PDF) 2 Page - XLSEMI

Part No. XL6009
Description  400KHz 60V 4A Switching Current Boost / Buck-Boost / Inverting DC/DC Converter
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  XLSEMI [XLSEMI]
Homepage  http://www.xlsemi.com/
Logo 

XL6009 Datasheet(HTML) 2 Page - XLSEMI

   
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
XL6009
400KHz 60V 4A Switching Current Boost / Buck-Boost / Inverting DC/DC Converter
Rev 1.1
www.xlsemi.com
2
Pin Configurations
Figure2. Pin Configuration of XL6009 (Top View)
Table 1 Pin Description
Pin Number
Pin Name
Description
1
GND
Ground Pin.
2
EN
Enable Pin. Drive EN pin low to turn off the device, drive it
high to turn it on. Floating is default high.
3
SW
Power Switch Output Pin (SW).
4
VIN
Supply Voltage Input Pin. XL6009 operates from a 5V to 32V
DC voltage. Bypass Vin to GND with a suitably large
capacitor to eliminate noise on the input.
5
FB
Feedback Pin (FB). Through an external resistor divider
network, FB senses the output voltage and regulates it. The
feedback threshold voltage is 1.25V.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn