Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XL6009 Datasheet(PDF) 5 Page - XLSEMI

Part # XL6009
Description  400KHz 60V 4A Switching Current Boost / Buck-Boost / Inverting DC/DC Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XLSEMI [XLSEMI]
Direct Link  http://www.xlsemi.com/
Logo XLSEMI - XLSEMI

XL6009 Datasheet(HTML) 5 Page - XLSEMI

  XL6009 Datasheet HTML 1Page - XLSEMI XL6009 Datasheet HTML 2Page - XLSEMI XL6009 Datasheet HTML 3Page - XLSEMI XL6009 Datasheet HTML 4Page - XLSEMI XL6009 Datasheet HTML 5Page - XLSEMI XL6009 Datasheet HTML 6Page - XLSEMI XL6009 Datasheet HTML 7Page - XLSEMI XL6009 Datasheet HTML 8Page - XLSEMI  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
XL6009
400KHz 60V 4A Switching Current Boost / Buck-Boost / Inverting DC/DC Converter
Rev 1.1
www.xlsemi.com
5
XL6009 Electrical Characteristics
Ta = 25℃;unless otherwise specified.
Symbol
Parameter
Test Condition
Min.
Typ.
Max. Unit
System parameters test circuit figure4
VFB
Feedback
Voltage
Vin = 12V to 16V, Vout=18V
Iload=0.1A to 2A
1.213
1.25
1.287
V
Efficiency
ŋ
Vin=12V ,Vout=18.5V
Iout=2A
-
92
-
%
Electrical Characteristics (DC Parameters)
Vin = 12V, GND=0V, Vin & GND parallel connect a 220uf/50V capacitor; Iout=0.5A, Ta =
25℃; the others floating unless otherwise specified.
Parameters
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Input operation voltage
Vin
5
32
V
Shutdown Supply Current
ISTBY
VEN=0V
70
100
uA
Quiescent Supply Current
Iq
VEN =2V,
VFB =Vin
2.5
5
mA
Oscillator Frequency
Fosc
320
400
480
Khz
Switch Current Limit
IL
VFB =0
4
A
Output Power NMOS
Rdson
Vin=12V,
ISW=4A
110
120
mohm
EN Pin Threshold
VEN
High (Regulator ON)
Low (Regulator OFF)
1.4
0.8
V
IH
VEN =2V (ON)
3
10
uA
EN Pin Input Leakage
Current
IL
VEN =0V (OFF)
3
10
uA
Max. Duty Cycle
DMAX
VFB=0V
90
%


Similar Part No. - XL6009

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XL6001 ETC2-XL6001 Datasheet
233Kb / 9P
   400KHz 32V 2A Switching Current Boost LED Constant Current Driver
logo
XLSEMI
XL6001 XLSEMI-XL6001 Datasheet
317Kb / 9P
   400KHz 32V 2A Switching Current Boost LED Constant Current Driver
logo
List of Unclassifed Man...
XL6001E1 ETC2-XL6001E1 Datasheet
233Kb / 9P
   400KHz 32V 2A Switching Current Boost LED Constant Current Driver
logo
XLSEMI
XL6001E1 XLSEMI-XL6001E1 Datasheet
317Kb / 9P
   400KHz 32V 2A Switching Current Boost LED Constant Current Driver
logo
List of Unclassifed Man...
XL6003 ETC2-XL6003 Datasheet
275Kb / 9P
   400KHz 60V 2A Switching Current Boost LED Constant Current Driver
More results

Similar Description - XL6009

ManufacturerPart #DatasheetDescription
logo
XLSEMI
XL6008 XLSEMI-XL6008 Datasheet
278Kb / 8P
   400KHz 60V 3A Switching Current Boost / Buck-Boost / Inverting DC/DC Converter
XL6007 XLSEMI-XL6007 Datasheet
176Kb / 8P
   400KHz 60V 2A Switching Current Boost / Buck-Boost / Inverting DC/DC Converter
logo
List of Unclassifed Man...
XL6008 ETC2-XL6008 Datasheet
302Kb / 8P
   400KHz 60V 3A Switching Current Boost / Buck-Boost / Inverting DC/DC Converter
logo
Shenzhen Huazhimei Semi...
HM6297 HMSEMI-HM6297 Datasheet
484Kb / 8P
   400KHz 60V 2A Switching Current Boost / Buck-Boost / Inverting DC/DC Converter
logo
List of Unclassifed Man...
XL6007 ETC2-XL6007 Datasheet
157Kb / 8P
   400KHz 60V 2A Switching Current Boost / Buck-Boost / Inverting DC/DC Converter
logo
Shenzhen Huazhimei Semi...
HM6298 HMSEMI-HM6298 Datasheet
628Kb / 8P
   400KHz 60V 3A Switching Current Boost / Buck-Boost / Inverting DC/DC Converter
logo
XLSEMI
XL6019 XLSEMI-XL6019 Datasheet
307Kb / 13P
   180KHz 60V 5A Switching Current Boost / Buck-Boost / Inverting DC/DC Converter
logo
List of Unclassifed Man...
XL6019 ETC2-XL6019 Datasheet
615Kb / 13P
   220KHz 60V 5A Switching Current Boost / Buck-Boost / Inverting DC/DC Converter
logo
Shenzhen Huazhimei Semi...
HM6292 HMSEMI-HM6292 Datasheet
1Mb / 13P
   180KHz 60V 5A switching current boost/buck-boost DC-DC converter
HM6299 HMSEMI-HM6299 Datasheet
424Kb / 12P
   220KHz 60V 5A switching current boost/buck-boost DC-DC converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com