Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5504-CGT Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # 5504-CGT
Description  Direct Conversion Receiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

5504-CGT Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button 5504-CGT Datasheet HTML 3Page - List of Unclassifed Manufacturers 5504-CGT Datasheet HTML 4Page - List of Unclassifed Manufacturers 5504-CGT Datasheet HTML 5Page - List of Unclassifed Manufacturers 5504-CGT Datasheet HTML 6Page - List of Unclassifed Manufacturers 5504-CGT Datasheet HTML 7Page - List of Unclassifed Manufacturers 5504-CGT Datasheet HTML 8Page - List of Unclassifed Manufacturers 5504-CGT Datasheet HTML 9Page - List of Unclassifed Manufacturers 5504-CGT Datasheet HTML 10Page - List of Unclassifed Manufacturers 5504-CGT Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
5504 DCR
Direct Conversion Receiver
9
OPERATING CHARACTERISTICS (continued)
Low Pass Filter Interface
IO1, QO1 output impedance
40
50
60
Filter Loss
1db
Filter Input Impedance
50
10000
I and Q Buffer Amplifier (each output loaded with 4pF in parallel with 20kΩ)
Ω)
Ω)
Ω)
Input resistance
Freq. = 30 MHz
5000
8000
10000
Input capacitance
Freq. = 30 MHz
5pf
Voltage Gain
Freq. = 30 MHz
14
15
16
dB
Output impedance
10
I/Q output amplitude
0.75
0.5
Vpp
-3dB frequency, Frf-Flo
78
82
MHz
Buffer THD
1%
2%
Amplitude and Phase Characteristics
I/Q quadrature accuracy
-3
+3
degree
I/Q amplitude matching
-1
+1
dB


Similar Part No. - 5504-CGT

ManufacturerPart #DatasheetDescription
logo
Coto Technology
5504-05-1 COTO-5504-05-1 Datasheet
270Kb / 2P
   High Voltage Reed Relay
5504-12-1 COTO-5504-12-1 Datasheet
270Kb / 2P
   High Voltage Reed Relay
5504-24-1 COTO-5504-24-1 Datasheet
270Kb / 2P
   High Voltage Reed Relay
logo
Bourns Electronic Solut...
5504-RC BOURNS-5504-RC Datasheet
469Kb / 1P
   High Current Chokes
More results

Similar Description - 5504-CGT

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SL6619 ZARLINK-SL6619 Datasheet
618Kb / 21P
   Direct Conversion FSK Data Receiver
logo
Mitel Networks Corporat...
SL6679 MITEL-SL6679 Datasheet
371Kb / 23P
   Direct Conversion FSK Data Receiver
SL6619 MITEL-SL6619 Datasheet
281Kb / 21P
   Direct Conversion FSK Data Receiver
logo
Zarlink Semiconductor I...
SL6610 ZARLINK-SL6610 Datasheet
487Kb / 20P
   Direct Conversion FSK Data Receiver
logo
Skyworks Solutions Inc.
CX74017 SKYWORKS-CX74017 Datasheet
315Kb / 10P
   On the Direct Conversion Receiver
logo
Zarlink Semiconductor I...
SL6609A ZARLINK-SL6609A Datasheet
505Kb / 20P
   DIRECT CONVERSION FSK DATA RECEIVER
logo
Mitel Networks Corporat...
SL6609A MITEL-SL6609A Datasheet
321Kb / 18P
   Direct Conversion FSK Data Receiver
logo
Zarlink Semiconductor I...
SL66491-1 ZARLINK-SL66491-1 Datasheet
418Kb / 14P
   200MHz DIRECT CONVERSION FSK DATA RECEIVER
SL6649-1 ZARLINK-SL6649-1 Datasheet
424Kb / 14P
   200MHz DIRECT CONVERSION FSK DATA RECEIVER
logo
Linear Technology
LTM9004 LINER-LTM9004_15 Datasheet
1Mb / 28P
   14-Bit Direct Conversion Receiver Subsystem
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com