Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MT3608 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. MT3608
Description  High Efficiency 1.2MHz 2A Step Up Converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MT3608 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MT3608 Datasheet HTML 1Page - List of Unclassifed Manufacturers MT3608 Datasheet HTML 2Page - List of Unclassifed Manufacturers MT3608 Datasheet HTML 3Page - List of Unclassifed Manufacturers MT3608 Datasheet HTML 4Page - List of Unclassifed Manufacturers MT3608 Datasheet HTML 5Page - List of Unclassifed Manufacturers MT3608 Datasheet HTML 6Page - List of Unclassifed Manufacturers MT3608 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
Aerosemi Technology Co., Ltd
MT3608
AEROSEMI
High Efficiency 1.2MHz
2A Step Up Converter
FEATURES
• Integrated 80mΩ Power MOSFET
• 2V to 24V Input Voltage
• 1.2MHz Fixed Switching Frequency
• Internal 4A Switch Current Limit
• Adjustable Output Voltage
• Internal Compensation
• Up to 28V Output Voltage
• Automatic Pulse Frequency Modulation
Mode at Light Loads
• up to 97% Efficiency
• Available in a 6-Pin SOT23-6 Package
APPLICATIONS
• Battery-Powered Equipment
• Set-Top Boxed
• LCD Bais Supply
• DSL and Cable Modems and Routers
• Networking cards powered from PCI
or PCI express slots
TYPICAL APPLICATION
Figure 1. Basic Application Circuit
The MT3608 is a constant frequency, 6-pin SOT23
current mode step-up converter intended for small,
low power applications. The MT3608 switches at
1.2MHz and allows the use of tiny, low cost
capacitors and inductors 2mm or less in height.
Internal soft-start results in small inrush current and
extends battery life.
The MT3608 features automatic shifting to pulse
frequency modulation mode at light loads. The
MT3608 includes under-voltage lockout, current
limiting, and thermal overload protection to prevent
damage in the event of an output overload. The
MT3608 is available in a small 6-pin SOT-23
package.
Efficiency
Iout (mA)
Figure 2. Efficiency Curve
GENERAL DESCRIPTION


Similar Part No. - MT3608

ManufacturerPart No.DatasheetDescription
Marktech Corporate
Marktech Corporate
MT360-UR MARKTECH-MT360-UR Datasheet
39Kb / 1P
   T-1 3/4 ULTRA BRIGHT LED LAMPS
More results

Similar Description - MT3608

ManufacturerPart No.DatasheetDescription
SHOUDING Shouding Semiconductor
SHOUDING Shouding Semic...
SB6284 SHOUDING-SB6284 Datasheet
2Mb / 7P
   High Efficiency 1.2MHz 2A Step Up Converter
SDB628 SHOUDING-SDB628 Datasheet
2Mb / 7P
   High Efficiency 1.2MHz 2A Step Up Converter
Shenzhen Huazhimei Semiconductor Co., Ltd
Shenzhen Huazhimei Semi...
HM1548B HMSEMI-HM1548B Datasheet
1Mb / 7P
   High Efficiency 1.2MHz 2A Step Up Converter
List of Unclassifed Manufacturers
List of Unclassifed Man...
SX1308 ETC1-SX1308 Datasheet
849Kb / 7P
   High Efficiency 1.2MHz 2A Step Up Converter 85T
SHOUDING Shouding Semiconductor
SHOUDING Shouding Semic...
SX1308 SHOUDING-SX1308 Datasheet
1Mb / 6P
   High Efficiency 1.2MHz 2A Step Up Regulator
Shenzhen Huazhimei Semiconductor Co., Ltd
Shenzhen Huazhimei Semi...
HM1535 HMSEMI-HM1535 Datasheet
384Kb / 7P
   High Efficiency 1.2MHz, 2A Step Up Regulator
SHANGHAI BELLING CO., LTD.
SHANGHAI BELLING CO., L...
BL8042B BELLING-BL8042B Datasheet
818Kb / 6P
   High Efficiency 1.2MHz 28V 2A Step-up DC/DC Converter
TECHCODE SEMICONDUCTOR, INC.
TECHCODE SEMICONDUCTOR,...
TD8213 TECHCODE-TD8213 Datasheet
838Kb / 16P
   High Efficiency 1.2MHz Step Up Regulator
ACE Technology Co., LTD.
ACE Technology Co., LTD...
ACE717C ACE-ACE717C Datasheet
743Kb / 8P
   High Efficiency 1.2MHz 24V Step-up DC/DC Converter
VER 1.1
SamHop Microelectronics Corp.
SamHop Microelectronics...
SM8237 SAMHOP-SM8237 Datasheet
336Kb / 14P
   1.2MHz STEP-UP CONVERTER
More results


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz