Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BMA400 Datasheet(PDF) 20 Page - Bosch Sensortec GmbH

Part # BMA400
Description  3-axes ultra-low power accelerometer
Download  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMA400 Datasheet(HTML) 20 Page - Bosch Sensortec GmbH

Back Button BMA400 Datasheet HTML 16Page - Bosch Sensortec GmbH BMA400 Datasheet HTML 17Page - Bosch Sensortec GmbH BMA400 Datasheet HTML 18Page - Bosch Sensortec GmbH BMA400 Datasheet HTML 19Page - Bosch Sensortec GmbH BMA400 Datasheet HTML 20Page - Bosch Sensortec GmbH BMA400 Datasheet HTML 21Page - Bosch Sensortec GmbH BMA400 Datasheet HTML 22Page - Bosch Sensortec GmbH BMA400 Datasheet HTML 23Page - Bosch Sensortec GmbH BMA400 Datasheet HTML 24Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 126 page
background image
Bosch Sensortec | BMA400 Data sheet
20 | 126
Modifications reserved | Data subject to change without notice
Document number: BST-BMA400-DS000-02 | Revision_1.1_072018
ACC_CONFIG0.
power_mode<1:0>
Description
Details
b00
b11
Sleep mode
(default state after power-up and
after reset)
No sensortime. No FIFO read, no data
conversions. Register and FIFO content
retained, registers readable and writeable.
b01
Low-power mode
Data conversion at 25Hz fixed. Noise
performance and current consumption tunable
by ACC_CONFIG0.osr_lp setting.
Auto wake-up function using wake-up interrupt
or timer to switch automatically into normal
mode. FIFO read is supported. No FIFO write.
b10
Normal mode
Data conversion configurable between 800Hz
and 12.5Hz. Noise performance and current
consumption tunable by ACC_CONFIG1.osr.
FIFO read and write
All interrupts available
Auto-low-power function using generic interrupt
1 or timer to switch automatically into low-power
mode.


Similar Part No. - BMA400

ManufacturerPart #DatasheetDescription
logo
Bosch Sensortec GmbH
BMA421 BOSCH-BMA421 Datasheet
245Kb / 2P
   Intelligent, triaxial acceleration sensor
BMA422 BOSCH-BMA422 Datasheet
247Kb / 2P
   Intelligent, triaxial acceleration sensor
BMA423 BOSCH-BMA423 Datasheet
3Mb / 129P
   Digital, triaxial acceleration sensor
BMA455 BOSCH-BMA455 Datasheet
223Kb / 2P
   Intelligent, triaxial acceleration sensor
BMA456 BOSCH-BMA456 Datasheet
3Mb / 129P
   Digital, triaxial acceleration sensor
More results

Similar Description - BMA400

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS3DH STMICROELECTRONICS-LIS3DH Datasheet
701Kb / 42P
   ultra low-power high performance 3-axes ?쐍ano??accelerometer
LIS331DLM STMICROELECTRONICS-LIS331DLM Datasheet
690Kb / 38P
   MEMS digital output motion sensor ultra low-power high performance 3-axes ?쐍ano??accelerometer
LIS331DLF STMICROELECTRONICS-LIS331DLF Datasheet
684Kb / 38P
   MEMS digital output motion sensor ultra low-power high performance 3-axes ?쐍ano??accelerometer
LIS302DLH STMICROELECTRONICS-LIS302DLH Datasheet
679Kb / 37P
   MEMS digital output motion sensor ultra low-power high performance 3-axes ?쐏iccolo??accelerometer
LIS331DLH STMICROELECTRONICS-LIS331DLH Datasheet
691Kb / 38P
   MEMS digital output motion sensor ultra low-power high performance 3-axes ?쐍ano??accelerometer
LIS331HH STMICROELECTRONICS-LIS331HH Datasheet
684Kb / 37P
   MEMS digital output motion sensor ultra low-power high full-scale 3-axes ?쐍ano??accelerometer
AN2989 STMICROELECTRONICS-AN2989 Datasheet
470Kb / 28P
   high performance ultra low-power 3-axis accelerometer
AIS328DQ STMICROELECTRONICS-AIS328DQ Datasheet
706Kb / 43P
   High-performance ultra low-power 3-axis accelerometer
MIS2DH STMICROELECTRONICS-MIS2DH Datasheet
1Mb / 49P
   ultra-low-power high-performance 3-axis accelerometer
AIS3624DQ STMICROELECTRONICS-AIS3624DQ Datasheet
1Mb / 41P
   ultra-low-power digital output 3-axis accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com