Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BMA400 Datasheet(PDF) 82 Page - Bosch Sensortec GmbH

Part # BMA400
Description  3-axes ultra-low power accelerometer
Download  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMA400 Datasheet(HTML) 82 Page - Bosch Sensortec GmbH

Back Button BMA400 Datasheet HTML 78Page - Bosch Sensortec GmbH BMA400 Datasheet HTML 79Page - Bosch Sensortec GmbH BMA400 Datasheet HTML 80Page - Bosch Sensortec GmbH BMA400 Datasheet HTML 81Page - Bosch Sensortec GmbH BMA400 Datasheet HTML 82Page - Bosch Sensortec GmbH BMA400 Datasheet HTML 83Page - Bosch Sensortec GmbH BMA400 Datasheet HTML 84Page - Bosch Sensortec GmbH BMA400 Datasheet HTML 85Page - Bosch Sensortec GmbH BMA400 Datasheet HTML 86Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 126 page
background image
Bosch Sensortec | BMA400 Data sheet
82 | 126
Modifications reserved | Data subject to change without notice
Document number: BST-BMA400-DS000-02 | Revision_1.1_072018
Register (0x35) ORIENTCH_CONFIG0
DESCRIPTION: the registers contain configurations for orientation changed interrupt
RESET: 0x00
DEFINITION (Go to register map):
Name
Register (0x35) ORIENTCH_CONFIG0
Bit
7
6
5
4
Read/Write
RW
RW
RW
RW
Reset Value
0
0
0
0
Content
orient_z_en
orient_y_en
orient_x_en
orient_data_src
Bit
3
2
1
0
Read/Write
RW
RW
RW
RW
Reset Value
0
0
0
0
Content
orient_refu
stability_mode
stability_mode: stability mode for new orientation
stability_mode
0x00
inactive
not active
0x01
enabled1 acc_filter2 data used for stability check
0x02
enabled2 low pass filtered acceleration used for stability check
orient_refu:
reference update mode for orientation changed interrupt
orient_refu
0x00
manual
manual update (reference registers are updated by serial interface
command)
0x01
onetime_2
one time automated update using acc_filt2 data
0x02
onetime_lp one time automated update using acc_filt_lp data
orient_data_src:
data source selection for orientation changed interrupt evaluation
orient_data_src
0x00
filt2
data source is acc_filt2
0x01
filt_lp data source is acc_filt_lp
orient_x_en:
enable orientation changed interrupt for x-axis: 0-not active;1-active
orient_y_en:
enable orientation changed interrupt for y-axis: 0-not active;1-active
orient_z_en:
enable orientation changed interrupt for z-axis: 0-not active;1-active


Similar Part No. - BMA400

ManufacturerPart #DatasheetDescription
logo
Bosch Sensortec GmbH
BMA421 BOSCH-BMA421 Datasheet
245Kb / 2P
   Intelligent, triaxial acceleration sensor
BMA422 BOSCH-BMA422 Datasheet
247Kb / 2P
   Intelligent, triaxial acceleration sensor
BMA423 BOSCH-BMA423 Datasheet
3Mb / 129P
   Digital, triaxial acceleration sensor
BMA455 BOSCH-BMA455 Datasheet
223Kb / 2P
   Intelligent, triaxial acceleration sensor
BMA456 BOSCH-BMA456 Datasheet
3Mb / 129P
   Digital, triaxial acceleration sensor
More results

Similar Description - BMA400

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS3DH STMICROELECTRONICS-LIS3DH Datasheet
701Kb / 42P
   ultra low-power high performance 3-axes ?쐍ano??accelerometer
LIS331DLM STMICROELECTRONICS-LIS331DLM Datasheet
690Kb / 38P
   MEMS digital output motion sensor ultra low-power high performance 3-axes ?쐍ano??accelerometer
LIS331DLF STMICROELECTRONICS-LIS331DLF Datasheet
684Kb / 38P
   MEMS digital output motion sensor ultra low-power high performance 3-axes ?쐍ano??accelerometer
LIS302DLH STMICROELECTRONICS-LIS302DLH Datasheet
679Kb / 37P
   MEMS digital output motion sensor ultra low-power high performance 3-axes ?쐏iccolo??accelerometer
LIS331DLH STMICROELECTRONICS-LIS331DLH Datasheet
691Kb / 38P
   MEMS digital output motion sensor ultra low-power high performance 3-axes ?쐍ano??accelerometer
LIS331HH STMICROELECTRONICS-LIS331HH Datasheet
684Kb / 37P
   MEMS digital output motion sensor ultra low-power high full-scale 3-axes ?쐍ano??accelerometer
AN2989 STMICROELECTRONICS-AN2989 Datasheet
470Kb / 28P
   high performance ultra low-power 3-axis accelerometer
AIS328DQ STMICROELECTRONICS-AIS328DQ Datasheet
706Kb / 43P
   High-performance ultra low-power 3-axis accelerometer
MIS2DH STMICROELECTRONICS-MIS2DH Datasheet
1Mb / 49P
   ultra-low-power high-performance 3-axis accelerometer
AIS3624DQ STMICROELECTRONICS-AIS3624DQ Datasheet
1Mb / 41P
   ultra-low-power digital output 3-axis accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com