Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CB2518T470M Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # CB2518T470M
Description  WOUND CHIP INDUCTORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CB2518T470M Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button CB2518T470M Datasheet HTML 4Page - List of Unclassifed Manufacturers CB2518T470M Datasheet HTML 5Page - List of Unclassifed Manufacturers CB2518T470M Datasheet HTML 6Page - List of Unclassifed Manufacturers CB2518T470M Datasheet HTML 7Page - List of Unclassifed Manufacturers CB2518T470M Datasheet HTML 8Page - List of Unclassifed Manufacturers CB2518T470M Datasheet HTML 9Page - List of Unclassifed Manufacturers CB2518T470M Datasheet HTML 10Page - List of Unclassifed Manufacturers CB2518T470M Datasheet HTML 11Page - List of Unclassifed Manufacturers CB2518T470M Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
197
5
LEMYLBYLBC Series
The maximum DC value having inductance
decrease within 10L and temperature
increas within 20C by the application of DC
bias.
CBYCBCYCBL Series
The maximum DC value having inductance
decrease within 30L and temperature
increas within 40C by the application of DC
bias.
LBH1608:
The maximum DC value having temperature
increas within 20C by the application of DC
bias.
YLEM Series 5N6VR10
Measuring equipment
:Impedance analyzer
f
HP4291A or its equivalentg
Measuring frequency
:Specified frequency
LEM Series R12V221
Measuring equipment
:LCR Meter
f
HP4285A
+42851A or its equivalentg
Measuring frequency
:Specified frequency
LBYLBC YCBYCBCYCBL Series
Measuring equipment
:LCR Mater
f
HP4285A or its equivalentg
LBH1608 Series
Measuring equipment
:Impedance analyzer
f
HP4291A or its equivalentg
LEM Series R12V221
Measuring equipment
:LCR Meter
f
HP4285A
+42851A or its equivalentg
Measuring frequency
:Specified frequency
LBH1608 Series
Measuring equipment
:Impedance analyzer
f
HP4291A or its equivalentg
LEMY LBY LBCY CBY CBCY CBLY LBH
Series
Measuring equipment
:low ohmmeter
f
A&D AD5812 or its equivalentg
RELIABILITY DATA
1/8
1.Operating tem-
perature Range
2.Storage
3.Rated Current
4.Inductance
5.Q
6.DC Resisitance
Item
Specified Value
Test Methods and Remarks
K
40VJ85C
K
40VJ85C
K
25VJ85C
K
25VJ85C
12V18
f
at 100MHzg
min
Within the specified tolerance
Within the specified tolerance
Within the
specified
tolerance
Within the specified tolerance
LEM2520
LBH1608
LB2518
LB2016
LB2012
LB1608
LBC2518
LBC2016
LBC2012
CB2518
CB2016
CB2012
CBC3225
CBC2518
CBC2016
CBC2012
CBL2012


Similar Part No. - CB2518T470M

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
CB2518T470M TAIYO-YUDEN-CB2518T470M Datasheet
137Kb / 1P
   Wire-wound Chip Power Inductors
CB2518T470M TAIYO-YUDEN-CB2518T470M Datasheet
289Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CB]
CB2518T470M8 TAIYO-YUDEN-CB2518T470M8 Datasheet
285Kb / 3P
   Wire-wound Chip Power Inductors for Telecommunications Infrastructure and Industrial Equipment / Medical Devices (CB series)[CB]
CB2518T470MV TAIYO-YUDEN-CB2518T470MV Datasheet
137Kb / 1P
   Wire-wound Chip Inductors for Automotive
CB2518T470M TAIYO-YUDEN-CB2518T470M_19 Datasheet
289Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CB]
More results

Similar Description - CB2518T470M

ManufacturerPart #DatasheetDescription
logo
EXCEL CELL ELECTRONIC C...
EWL ECE-EWL Datasheet
256Kb / 7P
   WOUND CHIP INDUCTORS
logo
PCA ELECTRONICS INC.
EPIMSC0402C PCA-EPIMSC0402C Datasheet
37Kb / 3P
   Wound Chip Inductors
logo
Taiyo Yuden (U.S.A.), I...
LB1608T1R0M TAIYO-YUDEN-LB1608T1R0M Datasheet
2Mb / 47P
   WOUND CHIP INDUCTORS
logo
Central Technologies
CTAC0805F CT-CTAC0805F Datasheet
91Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CT1812SMSF CT-CT1812SMSF Datasheet
224Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CTAC0603F CT-CTAC0603F Datasheet
296Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CT132SMF CT-CT132SMF Datasheet
196Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CT2214F CT-CT2214F Datasheet
369Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CTAC1008F CT-CTAC1008F Datasheet
305Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CTAF CT-CTAF Datasheet
171Kb / 1P
   Wire-wound Chip Inductors - Open Wound
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com