Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CB2518T2R2M Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # CB2518T2R2M
Description  WOUND CHIP INDUCTORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CB2518T2R2M Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button CB2518T2R2M Datasheet HTML 7Page - List of Unclassifed Manufacturers CB2518T2R2M Datasheet HTML 8Page - List of Unclassifed Manufacturers CB2518T2R2M Datasheet HTML 9Page - List of Unclassifed Manufacturers CB2518T2R2M Datasheet HTML 10Page - List of Unclassifed Manufacturers CB2518T2R2M Datasheet HTML 11Page - List of Unclassifed Manufacturers CB2518T2R2M Datasheet HTML 12Page - List of Unclassifed Manufacturers CB2518T2R2M Datasheet HTML 13Page - List of Unclassifed Manufacturers CB2518T2R2M Datasheet HTML 14Page - List of Unclassifed Manufacturers CB2518T2R2M Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
203
5
RELIABILITY DATA
4/8
At least 90L of electrode
Item
Specified Value
Test Methods and Remarks
14.Drop test
△L/L→
WithinM5L
No significant
abnormality in
appearance.
LEM
Drop test
Impact material
:concreta or vinyl tile
Height
:1m
Total number of drops
:10 times
LEM2520
Acceleration
:980m/sec2
Duration
:6msec
Number of times
:6 sides P 3 times
Mounting method
:Soldering onto printed board
f
* Excluding 10NVR10g
Recovery
:At least 1 hr of recovery under
the standard condition after the
test, followed by the measure-
ment within 2 hrs.
LEM
Solder temperature
:230M5C
Duration
:5M0.5sec. fLEM2520g
Fiux
:Methanol solution with 25L of
colophony
LBYLBCYCBYCBCYCBLYLBH
Solder temperature
:230M5C
Duration
:5M0.5sec
Fiux
:Methanol solution with 25L of
colophony
15.Solderability
LEM2520
LBH1608
LB2518
LB2016
LB2012
LB1608
LBC2518
LBC2016
LBC2012
CB2518
CB2016
CB2012
CBC3225
CBC2518
CBC2016
CBC2012
CBL2012


Similar Part No. - CB2518T2R2M

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
CB2518T2R2M TAIYO-YUDEN-CB2518T2R2M Datasheet
2Mb / 47P
   WOUND CHIP INDUCTORS
CB2518T2R2M TAIYO-YUDEN-CB2518T2R2M Datasheet
289Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CB]
CB2518T2R2M TAIYO-YUDEN-CB2518T2R2M Datasheet
361Kb / 3P
   Wire-wound Ferrite Power Inductors LSQN/LSQPA series for General Electronic Equipment
2021/8/3
CB2518T2R2M8 TAIYO-YUDEN-CB2518T2R2M8 Datasheet
286Kb / 3P
   Wire-wound Chip Power Inductors for Telecommunications Infrastructure and Industrial Equipment / Medical Devices (CB series)[CB]
CB2518T2R2MV TAIYO-YUDEN-CB2518T2R2MV Datasheet
137Kb / 1P
   Wire-wound Chip Inductors for Automotive
More results

Similar Description - CB2518T2R2M

ManufacturerPart #DatasheetDescription
logo
EXCEL CELL ELECTRONIC C...
EWL ECE-EWL Datasheet
256Kb / 7P
   WOUND CHIP INDUCTORS
logo
PCA ELECTRONICS INC.
EPIMSC0402C PCA-EPIMSC0402C Datasheet
37Kb / 3P
   Wound Chip Inductors
logo
Taiyo Yuden (U.S.A.), I...
LB1608T1R0M TAIYO-YUDEN-LB1608T1R0M Datasheet
2Mb / 47P
   WOUND CHIP INDUCTORS
logo
Central Technologies
CTAC0805F CT-CTAC0805F Datasheet
91Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CT1812SMSF CT-CT1812SMSF Datasheet
224Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CTAC0603F CT-CTAC0603F Datasheet
296Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CT132SMF CT-CT132SMF Datasheet
196Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CT2214F CT-CT2214F Datasheet
369Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CTAC1008F CT-CTAC1008F Datasheet
305Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CTAF CT-CTAF Datasheet
171Kb / 1P
   Wire-wound Chip Inductors - Open Wound
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com