Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4B4G1646E Datasheet(PDF) 56 Page - Samsung semiconductor

Part # K4B4G1646E
Description  4Gb E-die DDR3L SDRAM
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4B4G1646E Datasheet(HTML) 56 Page - Samsung semiconductor

Back Button K4B4G1646E Datasheet HTML 52Page - Samsung semiconductor K4B4G1646E Datasheet HTML 53Page - Samsung semiconductor K4B4G1646E Datasheet HTML 54Page - Samsung semiconductor K4B4G1646E Datasheet HTML 55Page - Samsung semiconductor K4B4G1646E Datasheet HTML 56Page - Samsung semiconductor K4B4G1646E Datasheet HTML 57Page - Samsung semiconductor K4B4G1646E Datasheet HTML 58Page - Samsung semiconductor K4B4G1646E Datasheet HTML 59Page - Samsung semiconductor K4B4G1646E Datasheet HTML 60Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 71 page
background image
- 56 -
datasheet
K4B4G1646E
DDR3L SDRAM
Rev. 1.1
[ Table 55 ] Derating values DDR3L-800/1066/1333/1600 tIS/tIH-AC/DC based AC160 Threshold (1.35V)
[ Table 56 ] Derating values DDR3L-800/1066/1333/1600 tIS/tIH-AC/DC based - Alternate AC135 Threshold (1.35V)
[ Table 57 ] Derating values DDR3L-1866 tIS/tIH-AC/DC based - Alternate AC125 Threshold (1.35V)
tIS, tIH Derating [ps] AC/DC based
AC160 Threshold -> VIH(AC) = VREF(DC) + 160mV, VIL(AC) = VREF(DC) - 160mV
CLK,CLK Differential Slew Rate
4.0 V/ns
3.0 V/ns
2.0 V/ns
1.8 V/ns
1.6 V/ns
1.4V/ns
1.2V/ns
1.0V/ns
tIS
tIH
tIS
tIH
tIS
tIH
tIS
tIH
tIS
tIH
tIS
tIH
tIS
tIH
tIS
tIH
CMD/
ADD
Slew
rate
V/ns
2.0
80458045804588539661
104
69
112
79
120
95
1.5
533053305330613869467754
85
64
93
80
1.0
00000088
16
16
24
24
32
34
40
50
0.9
-1-3-1-3-1-3
7
5
15
13
23
21
31
31
39
47
0.8
-3-8-3-8-3-8
5
1
13
9
21
17
29
27
37
43
0.7
-5
-13
-5
-13
-5
-13
3
-5
11
3
19
11
27
21
35
37
0.6
-8
-20
-8
-20
-8
-20
0
-12
8
-4
16
4
24
14
32
30
0.5
-20
-30
-20
-30
-20
-30
-12
-22
-4
-14
4
-6
12
4
20
20
0.4
-40
-45
-40
-45
-40
-45
-32
-37
-24
-29
-16
-21
-8
-11
0
5
tIS, tIH Derating [ps] AC/DC based
Alternate AC135 Threshold -> VIH(AC) = VREF(DC) + 135mV, VIL(AC) = VREF(DC) - 135mV
CLK,CLK Differential Slew Rate
4.0 V/ns
3.0 V/ns
2.0 V/ns
1.8 V/ns
1.6 V/ns
1.4V/ns
1.2V/ns
1.0V/ns
tIS
tIH
tIS
tIH
tIS
tIH
tIS
tIH
tIS
tIH
tIS
tIH
tIS
tIH
tIS
tIH
CMD/
ADD
Slew
rate
V/ns
2.0
6845
684568
45765384619269
100
79
108
95
1.5
4530
453045
30533861466954
776485
80
1.0
000000
88
16
16
24
24
32
34
40
50
0.9
2
-3
2
-3
2
-3
10
5
18132621
343142
47
0.8
3
-8
3
-8
3
-8
11
1
19
9
2717
352743
43
0.7
6
-13
6
-13
6
-13
14
-5
22
3
30
11
38
21
46
37
0.6
9
-209-20
9-20
17
-12
25
-433
4
41
14
49
30
0.5
5
-30
5
-30
5
-30
13
-22
21
-14
29
-6
37
4
45
20
0.4
-3
-45
-3
-45
-3
-45
6
-37
14
-29
22
-21
30
-11
38
5
tIS, tIH Derating [ps] AC/DC based
Alternate AC135 Threshold -> VIH(AC) = VREF(DC) + 125mV, VIL(AC) = VREF(DC) - 125mV
CLK,CLK Differential Slew Rate
4.0 V/ns
3.0 V/ns
2.0 V/ns
1.8 V/ns
1.6 V/ns
1.4V/ns
1.2V/ns
1.0V/ns
tIS
tIH
tIS
tIH
tIS
tIH
tIS
tIH
tIS
tIH
tIS
tIH
tIS
tIH
tIS
tIH
CMD/
ADD
Slew
rate
V/ns
2.0
6345
634563
45715379618769
9579
103
95
1.5
4230
423042
30503858466654
746482
80
1.0
000000
88
16
16
24
24
32
34
40
50
0.9
3
-3
3
-3
3
-3
11
5
19
13
27
21
35
31
43
47
0.8
6
-8
6
-8
6
-8
14122930
17
38
27
46
43
0.7
10
-13
10
-13
10
-13
18
-5
26
3
34
11
42
21
50
37
0.6
16
-20
16
-20
16
-20
24
-12
32
4
40
-4
48
14
56
30
0.5
15
-30
15
-30
15
-30
23
-22
31
-14
39
-6
47
4
55
20
0.4
13
-45
13
-45
13
-45
21
-37
29
-29
37
-21
45
-11
53
5


Similar Part No. - K4B4G1646E

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4B4G1646B SAMSUNG-K4B4G1646B Datasheet
1,002Kb / 64P
   4Gb B-die DDR3 SDRAM Olny x16
K4B4G1646B-HCF8 SAMSUNG-K4B4G1646B-HCF8 Datasheet
1,002Kb / 64P
   4Gb B-die DDR3 SDRAM Olny x16
K4B4G1646B-HCH9 SAMSUNG-K4B4G1646B-HCH9 Datasheet
1,002Kb / 64P
   4Gb B-die DDR3 SDRAM Olny x16
K4B4G1646B-HCK0 SAMSUNG-K4B4G1646B-HCK0 Datasheet
1,002Kb / 64P
   4Gb B-die DDR3 SDRAM Olny x16
K4B4G1646B-HCMA SAMSUNG-K4B4G1646B-HCMA Datasheet
1,002Kb / 64P
   4Gb B-die DDR3 SDRAM Olny x16
More results

Similar Description - K4B4G1646E

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4B4G0446E SAMSUNG-K4B4G0446E Datasheet
1Mb / 72P
   4Gb E-die DDR3L SDRAM
K4A4G045WE SAMSUNG-K4A4G045WE Datasheet
1Mb / 73P
   4Gb E-die DDR4 SDRAM
logo
Hynix Semiconductor
H5TC4G43AFR HYNIX-H5TC4G43AFR Datasheet
497Kb / 35P
   4Gb DDR3L SDRAM
H5TC4G43BFR-XXA HYNIX-H5TC4G43BFR-XXA Datasheet
440Kb / 33P
   4Gb DDR3L SDRAM
H5TC4G43MFR HYNIX-H5TC4G43MFR Datasheet
530Kb / 34P
   4Gb DDR3L SDRAM
logo
List of Unclassifed Man...
SLU04G64A1BD1SA-CC[EW]R ETC2-SLU04G64A1BD1SA-CC[EW]R Datasheet
608Kb / 17P
   4GB DDR3L ??SDRAM UDIMM
logo
Hynix Semiconductor
HMT425S6AFR6A HYNIX-HMT425S6AFR6A Datasheet
1Mb / 56P
   DDR3L SDRAM Unbuffered SODIMMs Based on 4Gb A-die
HMT41GU6MFR8A HYNIX-HMT41GU6MFR8A Datasheet
1Mb / 52P
   DDR3L SDRAM Unbuffered DIMMs Based on 4Gb M-Die
HMT425S6MFR6A HYNIX-HMT425S6MFR6A Datasheet
1Mb / 53P
   DDR3L SDRAM Unbuffered SODIMMs Based on 4Gb M-die
HMT451S6BFR8A HYNIX-HMT451S6BFR8A Datasheet
744Kb / 51P
   DDR3L SDRAM Unbuffered SODIMMs Based on 4Gb B-die
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com