Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CB2012T220M Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CB2012T220M
Description  WOUND CHIP INDUCTORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CB2012T220M Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CB2012T220M Datasheet HTML 1Page - List of Unclassifed Manufacturers CB2012T220M Datasheet HTML 2Page - List of Unclassifed Manufacturers CB2012T220M Datasheet HTML 3Page - List of Unclassifed Manufacturers CB2012T220M Datasheet HTML 4Page - List of Unclassifed Manufacturers CB2012T220M Datasheet HTML 5Page - List of Unclassifed Manufacturers CB2012T220M Datasheet HTML 6Page - List of Unclassifed Manufacturers CB2012T220M Datasheet HTML 7Page - List of Unclassifed Manufacturers CB2012T220M Datasheet HTML 8Page - List of Unclassifed Manufacturers CB2012T220M Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
187
5
Type
L
W
T
3.2M0.3
2.5M0.3
(0.126M0.012)
(0.098M0.012)
CB2518
CBC2518
CBC3225
2.5M0.2
1.8M0.2
(0.098M0.008)
(0.071M0.008)
CB2016
CBC2016
CB2012
CBC2012
2.0M0.2
1.6 M0.2
(0.079M0.008)
(0.063M0.008)
2.0M0.2
1.25M0.2
(0.079M0.008)
(0.049M0.008)
2.5M0.3
(0.098M0.012)
1.8M0.2
(0.071M0.008)
1.6 M0.2
(0.063M0.008)
1.25M0.2
(0.049M0.008)
E
0.6M0.3
(0.024M0.012)
0.5M0.2
(0.020M0.008)
0.5M0.2
(0.020M0.008)
0.5M0.2
(0.020M0.008)
0.5M0.2
(0.020M0.008)
Unit
mmfinchg
CBL2012
2.0M0.2
1.25M0.2
0.9M0.1
(0.079M0.008)
(0.049M0.008)
(0.035M0.004)
外形寸法 EXTERNAL DIMENSIONS
概略バリエーション AVAILABLE INDUCTANCE RANGE
P.188
P.190
P.195
P.196
P.10
アイテム一覧
Part Numbers
特性図
Electrical Characteristics
梱包
Packaging
信頼性
Reliability Data
使用上の注意
Precautions
セレクションガイド
Selection Guide
etc
EEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEE
EEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEE
EEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEE
EEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEE
EEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEE
1
10
100
47
2.2
CB2016
Type
Range
Inductance
1AH
2.2AH
10AH
47AH
510
0.09
510
0.13
410
0.23
250
0.25
250
0.5
200
50
100AH
110
0.95
110
2.4
90
3.7
700
1000
890
480
240
CB2012
CB2518
510
0.09
250
0.25
110
0.95
510
0.13
250
0.5
110
2.4
410
0.23
200
5.0
700
0.2
90
3.7
750
0.2
380
0.82
150
4.3
530
0.33
240
1.2
120
5.8
275
0.66
205
1.0
100
5.08
240
1.90
1000
0.08
890
0.13
480
0.36
RdcM30L
[E]
Imax
[mA]
RdcM30L
[E]
Imax
[mA]
RdcM30L
[E]
Imax
[mA]
RdcM30L
[E]
Imax
[mA]
RdcM30L
[E]
Imax
[mA]
RdcM30L
[E]
Imax
[mA]
RdcM30L
[E]
Imax
[mA]
RdcM30L
[E]
Imax
[mA]
CBC2518
CBC2016
4.7AH
CBC2012
CBL2012
CBC3225
RdcM30%
[E]
Imax
[mA]
RdcM30%
[E]
Imax
[mA]
RdcM30%
[E]
0.2
RdcM30%
[E]
0.08
0.13
0.36
1.9
RdcM30%
[E]
0.2
0.82
4.3
RdcM30%
[E]
0.33
1.2
5.8
RdcM30%
[E]
0.66(4.7AH)
1.0
5.08
RdcM30%
[E]
Imax
[mA]
Imax
[mA]
275(4.7AH)
205
100
Imax
[mA]
Imax
[mA]
750
380
150
Imax
[mA]
530
240
120
Imax
[mA]
P.212


Similar Part No. - CB2012T220M

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
CB2012T220M TAIYO-YUDEN-CB2012T220M Datasheet
137Kb / 1P
   Wire-wound Chip Power Inductors
CB2012T220M TAIYO-YUDEN-CB2012T220M Datasheet
289Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CB]
CB2012T220M TAIYO-YUDEN-CB2012T220M Datasheet
361Kb / 3P
   Wire-wound Ferrite Power Inductors LSQN/LSQPA series for General Electronic Equipment
2021/8/3
CB2012T220M8 TAIYO-YUDEN-CB2012T220M8 Datasheet
295Kb / 3P
   Wire-wound Chip Power Inductors for Telecommunications Infrastructure and Industrial Equipment / Medical Devices (CB series)[CB]
CB2012T220MV TAIYO-YUDEN-CB2012T220MV Datasheet
143Kb / 1P
   Wire-wound Chip Inductors for Automotive
More results

Similar Description - CB2012T220M

ManufacturerPart #DatasheetDescription
logo
EXCEL CELL ELECTRONIC C...
EWL ECE-EWL Datasheet
256Kb / 7P
   WOUND CHIP INDUCTORS
logo
PCA ELECTRONICS INC.
EPIMSC0402C PCA-EPIMSC0402C Datasheet
37Kb / 3P
   Wound Chip Inductors
logo
Taiyo Yuden (U.S.A.), I...
LB1608T1R0M TAIYO-YUDEN-LB1608T1R0M Datasheet
2Mb / 47P
   WOUND CHIP INDUCTORS
logo
Central Technologies
CTAC0805F CT-CTAC0805F Datasheet
91Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CT1812SMSF CT-CT1812SMSF Datasheet
224Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CTAC0603F CT-CTAC0603F Datasheet
296Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CT132SMF CT-CT132SMF Datasheet
196Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CT2214F CT-CT2214F Datasheet
369Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CTAC1008F CT-CTAC1008F Datasheet
305Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CTAF CT-CTAF Datasheet
171Kb / 1P
   Wire-wound Chip Inductors - Open Wound
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com