Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DT9150 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DT9150
Description  Interface Daughter Card
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DT9150 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DT9150 Datasheet HTML 1Page - List of Unclassifed Manufacturers DT9150 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.interfacetech.com l (909) 595-6030
DT9150
Interface Daughter Card
The DT9150 provides a compact message-based VXI
interface implemented on 13.5 square inches of board
space. This leaves 90+ square inches of unrestricted de-
sign space on a standard C-size module, plus 10 sq. in. of
additional space available under the DT9150. Optional
RS-232 port can be used with many development pack-
ages for source level debugging.
The DT9150 represents the state-of-the-art approach
to VXI product development and manufacturing. Taking
advantage of the robust feature set of the IT9010M
VXIntegrator® chip, the DT9150 combines all of the el-
ements necessary to implement a full message-based VXI
interface, with a minimum of space and effort.
The IT9010M provides all of the configuration regis-
ters and message-based device registers required by the
VXI specification. Also included are control circuitry,
arbitration between the VXIbus and the module's local
bus (microprocessor bus), bus master support, and sup-
port for the Analyzer Registers used in VME shared ac-
cess RAM operations. Required and optional functions,
such as Read Ready and Write Ready violation detection,
Data and Signal Register Location Monitors, and a Mul-
tiple Query Error Flag are all provided on chip.
MC68000
Microprocessor
Kernel
Decode Logic
Interrupt Logic
UART/Timer
Up to 512K RAM
DT9150
Hardware
Block Diagram
INTERRUPT LINES
ADDRESS DECODE SELECT
68030 ADDRESS BUS
68030 DATA BUS
Interface
Technology
IT9010M
VXIntegrator
VXI
ADDRESS
VXI
DATA
VXI CONTROL BUS
Up to 512K EPROM
CONTROL
Development Port
16 MHz
l
16 MHz 68000 Microprocessor
l
Up to 512K RAM
l
Up to 512K EPROM
l
Optional RS-232 Development Port
l
Supports VXI Bus Master
l
A24 / A32 Shared Memory Control
l
Device Dependent and Reserved Register Support
l
All Required VXI Registers On Board
l
Supports D8/D16/D32/A16/A24/A32
l
Programmable Interrupter
l
Dynamic or Static Configuration
Q
Quality VXI Interface Products
From the Performance Leader ....


Similar Part No. - DT9150

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DT9205A ETC1-DT9205A Datasheet
401Kb / 4P
   Digital Multimeter Digit height 33mm
DT9810 ETC-DT9810 Datasheet
2Mb / 10P
   Low Cost USB Data Acquisition Modules
May 2017. Rev 11
DT9812-10V ETC-DT9812-10V Datasheet
2Mb / 10P
   Low Cost USB Data Acquisition Modules
May 2017. Rev 11
DT9812-10V-OEM ETC-DT9812-10V-OEM Datasheet
2Mb / 10P
   Low Cost USB Data Acquisition Modules
May 2017. Rev 11
DT9812A ETC-DT9812A Datasheet
2Mb / 10P
   Low Cost USB Data Acquisition Modules
May 2017. Rev 11
More results

Similar Description - DT9150

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS21448DK DALLAS-DS21448DK Datasheet
716Kb / 17P
   3.3V E1/T1/J1 Line Interface Design Kit Daughter Card
logo
Maxim Integrated Produc...
DS21Q348DK MAXIM-DS21Q348DK Datasheet
809Kb / 17P
   3.3V E1/T1/J1 Line Interface Design Kit Daughter Card
REV: 060303
logo
Molex Electronics Ltd.
62202-4300 MOLEX11-62202-4300 Datasheet
39Kb / 1P
   Impact Daughter Card Extraction Tool
0622024300 MOLEX-0622024300 Datasheet
141Kb / 35P
   Impact Daughter Card Extraction Tool
02/26/2021
0621001300 MOLEX-0621001300 Datasheet
28Kb / 1P
   Daughter Card Module Removal Tool
02/27/2021
62201-8746 MOLEX11-62201-8746 Datasheet
26Kb / 1P
   Press-In Tool for Daughter Card
0622022080 MOLEX11-0622022080 Datasheet
44Kb / 1P
   Single Wafer Removal Tool, Daughter Card Receptacle
0622023000 MOLEX11-0622023000 Datasheet
29Kb / 1P
   Daughter Card Signal Module Removal Tool
0622022008 MOLEX11-0622022008 Datasheet
29Kb / 1P
   Daughter Card 5-Pair Insertion Module
62202-4600 MOLEX11-62202-4600 Datasheet
38Kb / 1P
   Impact Daughter Card Module Removal Tool
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com