Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDD10120AD Datasheet(PDF) 2 Page - Solitron Devices Inc.

Part # SDD10120AD
Description  Dual 1200V Silicon Carbide Schottky Diode - 1
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOLITRON [Solitron Devices Inc.]
Direct Link  https://solitrondevices.com
Logo SOLITRON - Solitron Devices Inc.

SDD10120AD Datasheet(HTML) 2 Page - Solitron Devices Inc.

  SDD10120AD Datasheet HTML 1Page - Solitron Devices Inc. SDD10120AD Datasheet HTML 2Page - Solitron Devices Inc. SDD10120AD Datasheet HTML 3Page - Solitron Devices Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SDD10120AD
Dual 1200V Silicon Carbide Schottky Diode - 2
Solitron Devices, Inc. • 3301 Electronics Way, West Palm Beach, Florida 33407, USA • +1 561-848-4311 • sales@solitrondevices.com
TYPICAL PERFORMANCE CURVES
T = +225°C
T = +200°C
T = + 175°C
T = + 150°C
T = + 125°C
T = + 100°C
T = + 75°C
T = + 50°C
T = + 25°C
T =
0°C
T = - 25°C
T = - 55°C
FORWARD VOLTAGE vs FORWARD CURRENT
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
FORWARD CURENT (A)
0.1
2
4
6
8
10
12
14
16
REVERSE LEAKAGE CURRENT vs REVERSE VOLTAGE
2500
2000
1500
1000
500
0
REVERSE VOLTAGE (V)
1
200
400
600
800
1000
1200
1400
T = +225°C
T = +200°C
T = + 175°C
T = + 150°C
T = + 125°C
T = + 100°C
T = + 75°C
T = + 50°C
T = + 25°C
T =
0°C
T = - 25°C
T = - 55°C
80
70
60
50
40
30
20
10
0
0
200
400
600
800
1000
1400
CAPACITANCE VS. REVERSE VOLTAGE
REVERSE VOLTAGE (V)
10
1
0.1
0.01
1.E-06
1.E-05
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
MAXIMUM THERMAL IMPEDANCE
TIME (s)
1.E+01
1200
T = +225°C
T = +200°C
T = + 175°C
T = + 150°C
T = + 125°C
T = + 100°C
T = + 75°C
T = + 50°C
T = + 25°C
T =
0°C
T = - 25°C
T = - 55°C
FORWARD VOLTAGE vs FORWARD CURRENT
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
FORWARD CURENT (A)
0.1
2
4
6
8
10
12
14
16
REVERSE LEAKAGE CURRENT vs REVERSE VOLTAGE
2500
2000
1500
1000
500
0
REVERSE VOLTAGE (V)
1
200
400
600
800
1000
1200
1400
T = +225°C
T = +200°C
T = + 175°C
T = + 150°C
T = + 125°C
T = + 100°C
T = + 75°C
T = + 50°C
T = + 25°C
T =
0°C
T = - 25°C
T = - 55°C


Similar Part No. - SDD10120AD

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
SDD10 SIRECTIFIER-SDD10 Datasheet
127Kb / 1P
   Discrete Diodes
logo
List of Unclassifed Man...
SDD100 ETC2-SDD100 Datasheet
996Kb / 4P
   Diode-Diode Modules
logo
Sirectifier Semiconduct...
SDD100 SIRECTIFIER-SDD100 Datasheet
996Kb / 4P
   Diode-Diode Modules
logo
List of Unclassifed Man...
SDD100N08 ETC2-SDD100N08 Datasheet
996Kb / 4P
   Diode-Diode Modules
logo
Sirectifier Semiconduct...
SDD100N08 SIRECTIFIER-SDD100N08 Datasheet
996Kb / 4P
   Diode-Diode Modules
More results

Similar Description - SDD10120AD

ManufacturerPart #DatasheetDescription
logo
Solitron Devices Inc.
SD11801 SOLITRON-SD11801 Datasheet
110Kb / 3P
   1200V Silicon Carbide Schottky Diode - 1
SD11800 SOLITRON-SD11800 Datasheet
111Kb / 3P
   1200V Silicon Carbide Schottky Diode - 1
logo
Shenzhen Meipusen Semic...
MSF10120V1 MAPLESMI-MSF10120V1 Datasheet
265Kb / 4P
   1200V Silicon Carbide Diode
MS2H40120V1 MAPLESMI-MS2H40120V1 Datasheet
245Kb / 4P
   1200V Silicon Carbide Diode
MSP10120V1 MAPLESMI-MSP10120V1 Datasheet
302Kb / 4P
   1200V Silicon Carbide Diode
MSP05120V1 MAPLESMI-MSP05120V1 Datasheet
336Kb / 4P
   1200V Silicon Carbide Diode
logo
Solitron Devices Inc.
SDD50065SHD SOLITRON-SDD50065SHD Datasheet
171Kb / 3P
   Dual 650V Silicon Carbide Schottky Diode - 1
logo
Shenzhen Meipusen Semic...
MS2H20120V1 MAPLESMI-MS2H20120V1 Datasheet
314Kb / 4P
   1200V Silicon Carbide Diode
MSD05120V1 MAPLESMI-MSD05120V1 Datasheet
390Kb / 4P
   1200V Silicon Carbide Diode
MSH20120V1 MAPLESMI-MSH20120V1 Datasheet
215Kb / 3P
   1200V Silicon Carbide Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com