Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMP374P6453BT1C1H Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # AMP374P6453BT1C1H
Description  64M X 72 SDRAM DIMM with ECC based on 32M X 8, 4 Banks, 8K REFRESH, 3.3V Synchronous DRAMs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AMP374P6453BT1C1H Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button AMP374P6453BT1C1H Datasheet HTML 4Page - List of Unclassifed Manufacturers AMP374P6453BT1C1H Datasheet HTML 5Page - List of Unclassifed Manufacturers AMP374P6453BT1C1H Datasheet HTML 6Page - List of Unclassifed Manufacturers AMP374P6453BT1C1H Datasheet HTML 7Page - List of Unclassifed Manufacturers AMP374P6453BT1C1H Datasheet HTML 8Page - List of Unclassifed Manufacturers AMP374P6453BT1C1H Datasheet HTML 9Page - List of Unclassifed Manufacturers AMP374P6453BT1C1H Datasheet HTML 10Page - List of Unclassifed Manufacturers AMP374P6453BT1C1H Datasheet HTML 11Page - List of Unclassifed Manufacturers AMP374P6453BT1C1H Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AMP374P6453BT1-C1H/S
64M X 72 SDRAM DIMM with ECC based on 32M X 8, 4 Banks, 8K REFRESH, 3.3V Synchronous DRAMs WITH SPD
Revision: 1.1
Revision Date: 11/2000
Document Number: 65830
Page Number: 8 of 12
AVED MEMORY PRODUCTS
Where Quality & Memory Merge
SIMPLIFIED TRUTH TABLE
COMMAND
CKEn-1
CKEn
CS
RAS
CAS
WE
DQM
B0,1 A10/AP A12-11,A9-0
Note
Register
Mode Register Set
H
X
L
L
L
L
X
1, 2
Auto Refresh
H
H
L
L
L
H
X
X
3
Refresh
Self
Entry
L
3
Refresh
Exit
L
H
L
H
H
H
X
X
3
H
XXX
3
Bank Active & Row Address
H
X
L
L
H
H
X
V
Row Address
Read &
Auto Precharge Disable
L
Column
4
Column Address Auto Precharge Enable HX
L
H
L
H
X
V
H
Address
4, 5
(A0-A9)
Write &
Auto Precharge Disable
L
Column
4
Column Address Auto Precharge Enable
HX
L
H
L
L
X
V
H
Address
4, 5
(A0-A9)
Burst Stop
H
X
L
H
H
L
X
X
6
Precharge
Bank Selection
H
X
L
L
H
L
X
V
L
All Banks
XH
Clock Suspend or
Entry
H
L
H
X
X
X
X
Active Power Down
L
V
V
V
X
L
H
X
XXX
X
Precharge Power Down
Entry
H
L
H
X
X
X
X
Mode
L
H
H
H
X
Exit
L
H
H
X
X
X
X
L
VVV
DQM
H
X
V
X
7
No Operation Command
H
X
H
X
X
X
X
X
L
HHH
OP CODE
X
Exit
(V = Valid, X = Don’t Care, H = Logic High, L = Logic Low)
Note: 1.
OP Code: Operand Code
A0 - A12, BA0 - BA1: Program keys. (@MRS)
2.
MRS can be issued only at all banks precharge state.
A new command can be issued after 2 clock cycles of MRS.
3.
Auto refresh functions are same as CBR refresh of DRAM.
The automatic precharge without row precharge command is meant by “Auto”.
Auto/self refresh can be issued only at all banks precharge state.
4.
BA0 - BA1: Bank select addresses.
If both BA0 and BA1 are “Low” at read, write, row active and precharge, bank A is selected.
If both BA0 is “Low” and BA1 is “High” at read, write, row active and precharge, bank B is selected.
If both BA0 is “High” and BA1 is “Low” at read, write, row active and precharge, bank C is selected.
If both BA0 and BA1 are “High” at read, write, row active and precharge, bank D is selected.
If A10/AP is “High” at row precharge, BA0 and BA1 are ignored and all banks are selected.
5.
During burst read or write with auto precharge, new read/write command can not be issued.
Another bank read/write command can be issued after the end of burst.
New row active of the associated bank can be issued at tRP after the end of burst.
6.
Burst stop command is valid at every burst length.
7.
DQM sampled at positive going edge of a CLK masks the data-in at the very CLK (Write DQM latency is 0)
but makes Hi-Z state the data-out of 2 CLK cycles after. (Read DQM latency is 2)


Similar Part No. - AMP374P6453BT1C1H

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
AMP300 ASTRODYNE-AMP300 Datasheet
253Kb / 4P
   30W Medical Grade Desktop Switching Power Adapters
AMP3001-01 ASTRODYNE-AMP3001-01 Datasheet
253Kb / 4P
   30W Medical Grade Desktop Switching Power Adapters
AMP3001-02 ASTRODYNE-AMP3001-02 Datasheet
253Kb / 4P
   30W Medical Grade Desktop Switching Power Adapters
AMP3001-03 ASTRODYNE-AMP3001-03 Datasheet
253Kb / 4P
   30W Medical Grade Desktop Switching Power Adapters
AMP3001-04 ASTRODYNE-AMP3001-04 Datasheet
253Kb / 4P
   30W Medical Grade Desktop Switching Power Adapters
More results

Similar Description - AMP374P6453BT1C1H

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KMM372F3280CS1 SAMSUNG-KMM372F3280CS1 Datasheet
506Kb / 20P
   32M x 72 DRAM DIMM with ECC using 16Mx4, 4K 8K Refresh, 3.3V
KMM372V3200CS1 SAMSUNG-KMM372V3200CS1 Datasheet
457Kb / 18P
   32M x 72 DRAM DIMM with ECC using 16Mx4, 4K 8K Refresh, 3.3V
KMM372V3200CK4 SAMSUNG-KMM372V3200CK4 Datasheet
458Kb / 18P
   32M x 72 DRAM DIMM with ECC using 16Mx4, 4K 8K Refresh, 3.3V
KMM372F3280BS1 SAMSUNG-KMM372F3280BS1 Datasheet
493Kb / 20P
   32M x 72 DRAM DIMM with ECC using 16Mx4, 4K 8K Refresh, 3.3V
M374F3200DJ1-C SAMSUNG-M374F3200DJ1-C Datasheet
510Kb / 20P
   32M x 72 DRAM DIMM with ECC Using 16Mx4, 4K & 8K Refresh, 3.3V
KMM372V3200BS1 SAMSUNG-KMM372V3200BS1 Datasheet
439Kb / 18P
   32M x 72 DRAM DIMM with ECC using 16Mx4, 4K 8K Refresh, 3.3V
M372F3200DJ3-C SAMSUNG-M372F3200DJ3-C Datasheet
508Kb / 20P
   32M x 72 DRAM DIMM with ECC Using 16Mx4, 4K & 8K Refresh, 3.3V
M366S3253DTS SAMSUNG-M366S3253DTS Datasheet
159Kb / 11P
   32Mx64 SDRAM DIMM based on 32Mx8, 4Banks, 8K Refresh, 3.3V Synchronous DRAMs with SPD
M366S3253BTS SAMSUNG-M366S3253BTS Datasheet
167Kb / 10P
   32Mx64 SDRAM DIMM based on 32Mx8, 4Banks, 8K Refresh, 3.3V Synchronous DRAMs with SPD
M366S3253CTS SAMSUNG-M366S3253CTS Datasheet
159Kb / 11P
   32Mx64 SDRAM DIMM based on 32Mx8, 4Banks, 8K Refresh, 3.3V Synchronous DRAMs with SPD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com