Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NLSX4378ABFCT1G Datasheet(PDF) 5 Page - ON Semiconductor

Part No. NLSX4378ABFCT1G
Description  4-Bit 24 Mb/s Dual-Supply Level Translator
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLSX4378ABFCT1G Datasheet(HTML) 5 Page - ON Semiconductor

  NLSX4378ABFCT1G Datasheet HTML 1Page - ON Semiconductor NLSX4378ABFCT1G Datasheet HTML 2Page - ON Semiconductor NLSX4378ABFCT1G Datasheet HTML 3Page - ON Semiconductor NLSX4378ABFCT1G Datasheet HTML 4Page - ON Semiconductor NLSX4378ABFCT1G Datasheet HTML 5Page - ON Semiconductor NLSX4378ABFCT1G Datasheet HTML 6Page - ON Semiconductor NLSX4378ABFCT1G Datasheet HTML 7Page - ON Semiconductor NLSX4378ABFCT1G Datasheet HTML 8Page - ON Semiconductor NLSX4378ABFCT1G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
NLSX4378A
www.onsemi.com
5
TIMING CHARACTERISTICS − RAIL−TO−RAIL DRIVING CONFIGURATIONS
(I/O test circuit of Figures 2 and 3, CLOAD = 15 pF, driver output impedance v 50 W, RLOAD = 1 MW)
Symbol
Parameter
Test Conditions
−40
5C to +855C
(Note 3)
−55
5C to +1255C
(Note 3)
Unit
Min
Typ
Max
Min
Max
VL = 1.65 V, VCC = 5.5 V
tRVCC
I/O VCC Risetime
15
15
ns
tFVCC
I/O VCC Falltime
30
30
ns
tRVL
I/O VL Risetime
30
30
ns
tFVL
I/O VL Falltime
10
10
ns
tPDVL−VCC
Propagation Delay (Driving I/O VL)
20
20
ns
tPDVCC−VL
Propagation Delay (Driving I/O VCC)
20
20
ns
tSKEW
Channel−to−Channel Skew
5
5
nS
MDR
Maximum Data Rate
24
24
Mb/s
VL = 1.8 V, VCC = 2.8 V
tRVCC
I/O VCC Risetime
15
15
ns
tFVCC
I/O VCC Falltime
15
15
ns
tRVL
I/O VL Risetime
25
25
ns
tFVL
I/O VL Falltime
10
10
ns
tPDVL−VCC
Propagation Delay (Driving I/O VL)
15
15
ns
tPDVCC−VL
Propagation Delay (Driving I/O VCC)
15
15
ns
tSKEW
Channel−to−Channel Skew
5
5
nS
MDR
Maximum Data Rate
24
24
Mb/s
VL = 2.5 V, VCC = 3.6 V
tRVCC
I/O VCC Risetime
15
15
ns
tFVCC
I/O VCC Falltime
10
10
ns
tRVL
I/O VL Risetime
15
15
ns
tFVL
I/O VL Falltime
10
10
ns
tPDVL−VCC
Propagation Delay (Driving I/O VL)
15
15
ns
tPDVCC−VL
Propagation Delay (Driving I/O VCC)
15
15
ns
tSKEW
Channel−to−Channel Skew
5
5
nS
MDR
Maximum Data Rate
24
24
Mb/s
VL = 2.8 V, VCC = 1.8 V
tRVCC
I/O VCC Risetime
25
25
ns
tFVCC
I/O VCC Falltime
10
10
ns
tRVL
I/O VL Risetime
15
15
ns
tFVL
I/O VL Falltime
15
15
ns
tPDVL−VCC
Propagation Delay (Driving I/O VL)
15
15
ns
tPDVCC−VL
Propagation Delay (Driving I/O VCC)
15
15
ns
tSKEW
Channel−to−Channel Skew
5
5
nS
MDR
Maximum Data Rate
24
24
Mb/s
3. Limits over the operating temperature range are guaranteed by design.


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn