Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NLSX4378ABFCT1G Datasheet(PDF) 4 Page - ON Semiconductor

Part No. NLSX4378ABFCT1G
Description  4-Bit 24 Mb/s Dual-Supply Level Translator
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLSX4378ABFCT1G Datasheet(HTML) 4 Page - ON Semiconductor

  NLSX4378ABFCT1G Datasheet HTML 1Page - ON Semiconductor NLSX4378ABFCT1G Datasheet HTML 2Page - ON Semiconductor NLSX4378ABFCT1G Datasheet HTML 3Page - ON Semiconductor NLSX4378ABFCT1G Datasheet HTML 4Page - ON Semiconductor NLSX4378ABFCT1G Datasheet HTML 5Page - ON Semiconductor NLSX4378ABFCT1G Datasheet HTML 6Page - ON Semiconductor NLSX4378ABFCT1G Datasheet HTML 7Page - ON Semiconductor NLSX4378ABFCT1G Datasheet HTML 8Page - ON Semiconductor NLSX4378ABFCT1G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
NLSX4378A
www.onsemi.com
4
DC ELECTRICAL CHARACTERISTICS (VCC = 1.65 V to 5.5 V and VL = 1.65 V to 5.5 V, unless otherwise specified)
Symbol
Parameter
Test Conditions
−40
5C to +855C
−55
5C to +1255C
Unit
Min
Typ
(Notes 1, 2)
Max
Min
Max
VIHC
I/O VCC Input HIGH Voltage
VCC − 0.4
VCC − 0.4
V
VILC
I/O VCC Input LOW Voltage
0.15
0.15
V
VIHL
I/O VL Input HIGH Voltage
VL − 0.4
VL − 0.4
V
VILL
I/O VL Input LOW Voltage
0.15
0.15
V
VIH
Control Pin Input HIGH
Voltage
0.65 * VL
0.65 * VL
V
VIL
Control Pin Input LOW
Voltage
0.35 * VL
0.35 * VL
V
VOHC
I/O VCC Output HIGH Voltage
I/O VCC Source Current =
20
mA
0.8 * VCC
0.8 * VCC
V
VOLC
I/O VCC Output LOW Voltage
I/O VCC Sink Current =
1.0 mA, I/O_VL ≤ 0.15 V
0.4
0.4
V
VOHL
I/O VL Output HIGH Voltage
I/O VL Source Current =
20
mA
0.8 * VL
0.8 * VL
V
VOLL
I/O VL Output LOW Voltage
I/O VL Sink Current =
1.0 mA, I/O_VCC ≤ 0.15 V
0.4
0.4
V
IQVCC
VCC Supply Current
I/O VCC and I/O VL
Unconnected, VEN = VL
0.5
2.0
3.0
mA
IQVL
VL Supply Current
I/O VCC and I/O VL
Unconnected, VEN = VL
0.3
1.0
3.0
mA
ITS−VCC VCC Tristate Output Mode
Supply Current
I/O VCC and I/O VL
Unconnected, VEN = GND
0.1
1.0
1.5
mA
ITS−VL
VL Tristate Output Mode
Supply Current
I/O VCC and I/O VL
Unconnected, VEN = GND
0.1
1.0
1.5
mA
IOZ
I/O Tristate Output Mode
Leakage Current
TA = +25°C
0.1
1.0
1.0
mA
RPU
Pullup Resistor I/O VL and
VCC
TA = +25°C
10
k
W
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
1. Typical values are for VCC = +2.8 V, VL = +1.8 V and TA = +25°C.
2. All units are production tested at TA = +25°C. Limits over the operating temperature range are guaranteed by design.


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn