Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NLSX4378A Datasheet(PDF) 3 Page - ON Semiconductor

Part No. NLSX4378A
Description  4-Bit 24 Mb/s Dual-Supply Level Translator
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLSX4378A Datasheet(HTML) 3 Page - ON Semiconductor

  NLSX4378A Datasheet HTML 1Page - ON Semiconductor NLSX4378A Datasheet HTML 2Page - ON Semiconductor NLSX4378A Datasheet HTML 3Page - ON Semiconductor NLSX4378A Datasheet HTML 4Page - ON Semiconductor NLSX4378A Datasheet HTML 5Page - ON Semiconductor NLSX4378A Datasheet HTML 6Page - ON Semiconductor NLSX4378A Datasheet HTML 7Page - ON Semiconductor NLSX4378A Datasheet HTML 8Page - ON Semiconductor NLSX4378A Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
NLSX4378A
www.onsemi.com
3
MAXIMUM RATINGS
Symbol
Parameter
Condition
Value
Unit
VCC
DC Supply Voltage
−0.3 to +7.0
V
VL
DC Supply Voltage
−0.3 to +7.0
V
I/O VCC
VCC−Referenced DC Input/Output Voltage
−0.3 to (VCC + 0.3)
V
I/O VL
VL−Referenced DC Input/Output Voltage
−0.3 to (VL + 0.3)
V
VEN
Enable Control Pin DC Input Voltage
−0.3 to +7.0
V
II/O_SC
Short−Circuit Duration (I/O VL and I/O VCC to GND)
Continuous
40
mA
TSTG
Storage Temperature
−65 to +150
°C
ILU
Latch−up Current
100
mA
ESD Rating
Human Body Model
Charged Device Model
7000
2000
V
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
DC Supply Voltage
1.65
5.5
V
VL
DC Supply Voltage
1.65
5.5
V
VEN
Enable Control Pin Voltage
GND
5.5
V
VIO
I/O Pin Voltage
GND
VCC or VL
V
TA
Operating Temperature Range
−55
+125
°C
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond the
Recommended Operating Ranges limits may affect device reliability.


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn