Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NLSX4378A Datasheet(PDF) 8 Page - ON Semiconductor

Part No. NLSX4378A
Description  4-Bit 24 Mb/s Dual-Supply Level Translator
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLSX4378A Datasheet(HTML) 8 Page - ON Semiconductor

  NLSX4378A Datasheet HTML 1Page - ON Semiconductor NLSX4378A Datasheet HTML 2Page - ON Semiconductor NLSX4378A Datasheet HTML 3Page - ON Semiconductor NLSX4378A Datasheet HTML 4Page - ON Semiconductor NLSX4378A Datasheet HTML 5Page - ON Semiconductor NLSX4378A Datasheet HTML 6Page - ON Semiconductor NLSX4378A Datasheet HTML 7Page - ON Semiconductor NLSX4378A Datasheet HTML 8Page - ON Semiconductor NLSX4378A Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
NLSX4378A
www.onsemi.com
8
APPLICATIONS INFORMATION
Level Translator Architecture
The
NLSX4378A
auto
sense
translator
provides
bi−directional voltage level shifting to transfer data in
multiple supply voltage systems. This device has two
supply voltages, VL and VCC, which set the logic levels on
the input and output sides of the translator. When used to
transfer data from the VL to the VCC ports, input signals
referenced to the VL supply are translated to output signals
with a logic level matched to VCC. In a similar manner, the
VCC to VL translation shifts input signals with a logic level
compatible to VCC to an output signal matched to VL.
The NLSX4378A consists of four bi−directional
channels that independently determine the direction of the
data flow without requiring a directional pin. The one−shot
circuits are used to detect the rising input signals. In
addition, the one shots decrease the rise time of the output
signal for low−to−high transitions.
Each input/output pin has an internal 10 k
W pull−up
resistor. The magnitude of the pull−up resistors can be
reduced by connecting external resistors in parallel to the
internal 10 k
W resistors.
Input Driver Requirements
The rise (tR) and fall (tF) timing parameters of the open
drain outputs depend on the magnitude of the pull−up
resistors. In addition, the propagation times (tPD), skew
(tSKEW) and maximum data rate depend on the impedance
of the device that is connected to the translator. The timing
parameters listed in the data sheet assume that the output
impedance of the drivers connected to the translator is less
than 50
W.
Enable Input (EN)
The NLSX4378A has an Enable pin (EN) that provides
tri−state operation at the I/O pins. Driving the Enable pin
to a low logic level minimizes the power consumption of
the device and drives the I/O VCC and I/O VL pins to a high
impedance state. Normal translation operation occurs
when the EN pin is equal to a logic high signal. The EN pin
is referenced to the VL supply and has Overvoltage
Tolerant (OVT) protection.
Power Supply Guidelines
During normal operation, supply voltage VL can be
greater than, less than or equal to VCC. The sequencing of
the power supplies will not damage the device during the
power up operation.
For optimal performance, 0.01
mF to 0.1 mF decoupling
capacitors should be used on the VL and VCC power supply
pins. Ceramic capacitors are a good design choice to filter
and bypass any noise signals on the voltage lines to the
ground plane of the PCB. The noise immunity will be
maximized by placing the capacitors as close as possible to
the supply and ground pins, along with minimizing the
PCB connection traces.
ORDERING INFORMATION
Device
Package
Shipping
NLSX4378ABFCT1G
mBump12
(Backside Laminate Coating)
(Pb−Free)
3000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn